Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1157CS8 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1157CS8
Description  3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1157CS8 Datasheet(HTML) 6 Page - Linear Technology

  LTC1157CS8 Datasheet HTML 1Page - Linear Technology LTC1157CS8 Datasheet HTML 2Page - Linear Technology LTC1157CS8 Datasheet HTML 3Page - Linear Technology LTC1157CS8 Datasheet HTML 4Page - Linear Technology LTC1157CS8 Datasheet HTML 5Page - Linear Technology LTC1157CS8 Datasheet HTML 6Page - Linear Technology LTC1157CS8 Datasheet HTML 7Page - Linear Technology LTC1157CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1157
TYPICAL APPLICATIO S
Mixed 3.3V and 12V High- and Low-Side Switching
Mixed 5V and 3.3V Dual High-Side Switch
Ultra Low Drop 3 to 4 Cell Dual High-Side Switch
+
VS
GND
G2
G1
IN2
IN1
LTC1157
CONTROL
LOGIC
OR
µP
3.3V
LOAD
10
µF
4V
LTC1157 • TA05
12V
LOAD
3.3V
+
10
µF
16V
30k
12V
IRLR024
MTD3055EL
VS
GND
G2
G1
IN2
IN1
LTC1157
CONTROL
LOGIC
OR
µP
Si9956DY
LOAD
0.47
µF
LTC1157 • TA03
+
3 TO 4
CELL
BATTERY
PACK
LOAD
7,8
5,6
14
3
2
+
VS
GND
G2
G1
IN2
IN1
LTC1157
CONTROL
LOGIC
OR
µP
5V
LOAD
10
µF
6.3V
LTC1157 • TA04
3.3V
LOAD
5V
+
10
µF
4V
51k
51k
3.3V
MTD10N05E
RFD16N05SM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com