Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1196 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1196
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1196 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1196 Datasheet HTML 15Page - Linear Technology LTC1196 Datasheet HTML 16Page - Linear Technology LTC1196 Datasheet HTML 17Page - Linear Technology LTC1196 Datasheet HTML 18Page - Linear Technology LTC1196 Datasheet HTML 19Page - Linear Technology LTC1196 Datasheet HTML 20Page - Linear Technology LTC1196 Datasheet HTML 21Page - Linear Technology LTC1196 Datasheet HTML 22Page - Linear Technology LTC1196 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
LTC1196/LTC1198
S
APPLICATI
I FOR ATIO
CLK. VERROR is proportional to f(“–”) and inversely pro-
portional to fCLK. For a 60Hz signal on the “–” input to
generate a 1/4LSB error (5mV) with the converter running
at CLK = 12MHz, its peak value would have to be 18.7V.
ANALOG INPUTS
Because of the capacitive redistribution A/D conversion
techniques used, the analog inputs of the LTC1196/
LTC1198 have one capacitive switching input current
spike per conversion. These current spikes settle quickly
and do not cause a problem. However, if source resis-
tances larger than 100
Ω are used or if slow settling op
amps drive the inputs, care must be taken to insure that the
transients caused by the current spikes settle completely
before the conversion begins.
“+” Input Settling
The input capacitor of the LTC1196 is switched onto “+”
input at the end of the conversion and samples the input
signal until the conversion begins (see Figure 1). The input
capacitor of the LTC1198 is switched onto “+” input during
the sample phase (tSMPL, see Figure 7). The sample phase
is 2.5 CLK cycles before conversion starts. The voltage on
the “+” input must settle completely within tSMPL for the
LTC1196/LTC1198. Minimizing RSOURCE+ will improve
the input settling time. If a large “+” input source resis-
tance must be used, the sample time can be increased by
allowing more time between conversions for the LTC1196
or by using a slower CLK frequency for the LTC1198.
Figure 7. LTC1198 “+” and “–” Input Settling Windows
CLK
DIN
DOUT
“+” INPUT
“–” INPUT
SAMPLE
HOLD
“+” INPUT MUST
SETTLE DURING
THIS TIME
tSMPL
tCONV
CS
START
SGL/DIFF
DUMMY
DON’T CARE
1ST BIT TEST “–” INPUT MUST
SETTLE DURING THIS TIME
B7
1196/98 F07
ODD/SIGN
DUMMY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com