Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3508 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3508
Description  Dual Monolithic 1.4A Step-Down Switching Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3508 Datasheet(HTML) 2 Page - Linear Technology

  LT3508_15 Datasheet HTML 1Page - Linear Technology LT3508_15 Datasheet HTML 2Page - Linear Technology LT3508_15 Datasheet HTML 3Page - Linear Technology LT3508_15 Datasheet HTML 4Page - Linear Technology LT3508_15 Datasheet HTML 5Page - Linear Technology LT3508_15 Datasheet HTML 6Page - Linear Technology LT3508_15 Datasheet HTML 7Page - Linear Technology LT3508_15 Datasheet HTML 8Page - Linear Technology LT3508_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3508
2
3508fd
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN Pin Voltage............................................(–0.3V), 40V
BOOST Pin Voltage ...................................................60V
BOOST Above SW Voltage ........................................30V
SHDN, PG Voltage.....................................................40V
TRACK/SS, FB, RT/SYNC, VC Voltage..........................6V
Operating Junction Temperature Range (Note 2)
LT3508E............................................. –40°C to 125°C
LT3508I.............................................. –40°C to 125°C
LT3508H ............................................ –40°C to 150°C
(Notes 1, 7)
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
TRACK/SS1
BOOST1
SW1
VIN1
VIN2
SW2
BOOST2
TRACK/SS2
FB1
VC1
PG1
RT/SYNC
SHDN
PG2
VC2
FB2
17
GND
θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND AND MUST BE SOLDERED TO PCB
24 23 22 21 20 19
7
8
9
TOP VIEW
25
GND
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
FB1
TRACK/SS1
GND
GND
GND
GND
FB2
TRACK/SS2
GND
GND
GND
GND
θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 25) IS GND AND MUST BE SOLDERED TO PCB
Storage Temperature Range
QFN.................................................... –65°C to 150°C
TSSOP ............................................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSSOP .............................................................. 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3508EFE#PBF
LT3508EFE#TRPBF
3508FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3508IFE#PBF
LT3508IFE#TRPBF
3508FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3508HFE#PBF
LT3508HFE#TRPBF
3508HFE
16-Lead Plastic TSSOP
–40°C to 150°C
LT3508EUF#PBF
LT3508EUF#TRPBF
3508
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
LT3508IUF#PBF
LT3508IUF#TRPBF
3508
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 125°C
LT3508HUF#PBF
LT3508HUF#TRPBF
3508H
24-Lead (4mm
× 4mm) Plastic QFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.*Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com