Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1544 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1544
Description  Software-Selectable Multiprotocol Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1544 Datasheet(HTML) 2 Page - Linear Technology

  LTC1544_15 Datasheet HTML 1Page - Linear Technology LTC1544_15 Datasheet HTML 2Page - Linear Technology LTC1544_15 Datasheet HTML 3Page - Linear Technology LTC1544_15 Datasheet HTML 4Page - Linear Technology LTC1544_15 Datasheet HTML 5Page - Linear Technology LTC1544_15 Datasheet HTML 6Page - Linear Technology LTC1544_15 Datasheet HTML 7Page - Linear Technology LTC1544_15 Datasheet HTML 8Page - Linear Technology LTC1544_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1544
ORDER PART
NUMBER
(Note 1)
Supply Voltage, VCC ................................................ 6.5V
Input Voltage
Transmitters ........................... – 0.3V to (VCC + 0.3V)
Receivers ............................................... – 18V to 18V
Logic Pins .............................. – 0.3V to (VCC + 0.3V)
Output Voltage
Transmitters .................. (VEE – 0.3V) to (VDD + 0.3V)
Receivers ................................ – 0.3V to (VCC + 0.3V)
VEE........................................................ – 10V to 0.3V
VDD ....................................................... – 0.3V to 10V
Short-Circuit Duration
Transmitter Output ..................................... Indefinite
Receiver Output .......................................... Indefinite
VEE.................................................................. 30 sec
Operating Temperature Range
LTC1544CG ............................................. 0
°C to 70°C
LTC1544IG ........................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LTC1544CG
LTC1544IG
TJMAX = 150°C, θJA = 65°C/ W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
VDD
D1
D2
D3
R1
R2
R3
D4
R4
M0
M1
M2
DCE/DTE
VEE
GND
D1 A
D1 B
D2 A
D2 B
D3/R1 A
D3/R1 B
R2 A
R2 B
R3 A
R3 B
D4/R4 A
INVERT
R1
D2
D1
R2
D3
G PACKAGE
28-LEAD PLASTIC SSOP
R3
D4
R4
Consult factory for Military grade parts.
The q denotes specifications which apply over the full operating tempera-
ture range, otherwise specifications are at TA = 25°C. VCC = 5V, VDD = 8V, VEE = – 7V for V.28, – 5.5V for V.10, V.11 (Notes 2, 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
ICC
VCC Supply Current (DCE Mode,
RS530, RS530-A, X.21 Modes, No Load
2.7
mA
All Digital Pins = GND or VCC)
RS530, RS530-A, X.21 Modes, Full Load
q
95
120
mA
V.28 Mode, No Load
q
12
mA
V.28 Mode, Full Load
q
12
mA
No-Cable Mode
q
10
200
µA
IEE
VEE Supply Current (DCE Mode,
RS530, RS530-A, X.21 Modes, No Load
2.1
mA
All Digital Pins = GND or VCC)
RS530, X.21 Modes, Full Load
14
mA
VEE = – 5.6V (RS530, RS530-A Modes) RS530-A, Full Load
25
mA
VEE = – 8.46V (V.28 Mode)
V.28 Mode, No Load
1
mA
V.28 Mode, Full Load
12
mA
No-Cable Mode
10
µA
IDD
VDD Supply Current (DCE Mode,
RS530, RS530-A, X.21 Modes, NoLoad
0.2
mA
All Digital Pins = GND or VCC)
RS530, RS530-A, X.21 Modes, Full Load
0.2
mA
VDD = 8.73V
V.28 Mode, No Load
1
mA
V.28 Mode, Full Load
12
mA
No-Cable Mode
10
µA
PD
Internal Power Dissipation (DCE Mode,
RS530, RS530-A, X.21 Modes, Full Load
300
mW
(All Digital Pins = GND or VCC)
V.28 Mode, Full Load
54
mW
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com