Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1250C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1250C
Description  Very Low Noise Zero-Drift Bridge Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1250C Datasheet(HTML) 2 Page - Linear Technology

  LTC1250C Datasheet HTML 1Page - Linear Technology LTC1250C Datasheet HTML 2Page - Linear Technology LTC1250C Datasheet HTML 3Page - Linear Technology LTC1250C Datasheet HTML 4Page - Linear Technology LTC1250C Datasheet HTML 5Page - Linear Technology LTC1250C Datasheet HTML 6Page - Linear Technology LTC1250C Datasheet HTML 7Page - Linear Technology LTC1250C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1250
PACKAGE/ORDER I FOR ATIO
A
G
A
U
A
R
BSOLUTEXI
TI
S
ORDER PART
NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
NC
–IN
+IN
V –
NC
V+
OUT
NC
N8 PACKAGE
8-LEAD PLASTIC DIP
J8 PACKAGE
8-LEAD CERAMIC DIP
S8 PACKAGE
8-LEAD PLASTIC SOIC
Total Supply Voltage (V+ to V –) ............................. 18V
Input Voltage ........................ (V + + 0.3V) to (V – – 0.3V)
Output Short Circuit Duration ......................... Indefinite
Operating Temperature Range
LTC1250M..................................... – 55
°C to 125°C
LTC1250C .......................................... 0
°C TO 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.) ................ 300
°C
LTC1250MJ8
LTC1250CJ8
LTC1250CN8
LTC1250CS8
TJMAX = 150°C, θJA = 100°CW (J8)
TJMAX = 110°C, θJA = 130°CW (N8)
TJMAX = 110°C, θJA = 200°CW (S8)
S8 PART MARKING
ELECTRICAL C
C
HARA TERISTICS
LTC1250M
LTC1250C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C (Note 1)
±5
±10
±5
±10
µV
∆VOS
Average Input Offset Drift
(Note 1)
q
±0.01 ±0.05
±0.01 ±0.05
µV/°C
Long Term Offset Drift
50
50
nV/
√Mo
en
Input Noise Voltage (Note 2)
TA = 25°C, 0.1Hz to 10Hz
0.75
1.0
0.75
1.0
µVP-P
TA = 25°C, 0.1Hz to 1Hz
0.2
0.2
µVP-P
in
Input Noise Current
f = 10Hz
4.0
4.0
fA/
√Hz
IB
Input Bias Current
TA = 25°C (Note 3)
±50
±150
±50
±200
pA
q
±950
±450
pA
IOS
Input Offset Current
TA = 25°C (Note 3)
±100
±300
±100
±400
pA
q
±500
±500
pA
CMRR
Common-Mode Rejection Ratio
VCM = – 4V to 3V
q
110
130
110
130
dB
PSRR
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
q
115
130
115
130
dB
AVOL
Large-Signal Voltage Gain
RL = 10k, VOUT = ±4V
q
125
170
125
170
dB
Maximum Output Voltage Swing
RL = 1k
q
±4.0 4.3/–4.7
±4.0 4.3/–4.7
V
RL = 100k
±4.92
±4.95
V
SR
Slew Rate
RL = 10k, CL = 50pF
10
10
V/
µs
GBW
Gain-Bandwidth Product
1.5
1.5
MHz
IS
Supply Current
No Load, TA = 25°C
3.0
4.0
3.0
4.0
mA
q
7.0
5.0
mA
fS
Internal Sampling Frequency
TA = 25°C
4.75
4.75
kHz
VIN = ±5V, TA = Operating Temperature Range, unless otherwise noted.
LTC1250M
LTC1250C
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C (Note 1)
±2
±5
±2
±5
µV
∆VOS
Average Input Offset Drift
(Note 1)
q
±0.01 ±0.05
±0.01 ±0.05
µV/°C
en
Input Noise Voltage (Note 2)
TA = 25°C, 0.1Hz to 10Hz
1.0
1.0
µVP-P
TA = 25°C, 0.1Hz to 1Hz
0.3
0.3
µVP-P
IB
Input Bias Current
TA = 25°C (Note 3)
±20
±100
±20
±100
pA
IOS
Input Offset Current
TA = 25°C (Note 3)
±40
±200
±40
±200
pA
VIN = 5V, TA = Operating Temperature Range, unless otherwise noted.
1250



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com