Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847CW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BC847CW
Description  NPN Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC847CW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC847CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC847CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC847CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC847CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC847CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BC847CW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC846AW - BC850CW
Taiwan Semiconductor
Small Signal Product
SYMBOL
MIN
MAX
UNIT
80
-
50
-
30
-
30
-
50
-
65
-
45
-
30
-
30
-
45
-
6-
6-
5-
5-
5-
ICBO
-15
nA
IEBO
-
100
nA
110
220
-
200
450
-
420
800
-
-0.25
-0.60
Transition Frequency
fT
100
-
MHz
0.58
0.70
-0.77
Cob
-4.50
pF
Document Number: DS_S1502002
Version: B15
VCE= 5 V , IC = 10 mA
IC= 10mA , IB = 0.5 mA
PARAMETER
BC849AW/BW/CW
VCE(sat)
Emitter Cut-off Current at VEB= 5 V
hFE
BC849AW/BW/CW
BC850AW/BW/CW
IC= 100mA , IB = 5 mA
VEBO
V
at IE= 1 μA
BC847AW/BW/CW
BC848AW/BW/CW
VCBO
BC847AW/BW/CW
BC848AW/BW/CW
at IC= 10 μA
BC846AW/BW/CW
V(BR)CEO
at IC= 10 mA
BC847AW/BW/CW
DC Current Gain
at VCE= 5 V , IC= 2 mA
Collector-Emitter Saturation Voltage
BC846AW - BC850AW
BC846BW - BC850BW
Collector-Emitter Breakdown Voltage
BC850AW/BW/CW
V
BC848AW/BW/CW
V
Collector Output Capacitance
VBE
V
Collector Cut-off Current at VCB = 30 V
VCB = 10 V , IE = 0 , f = 1MHz
VCE = 5 V , IC = 10 mA , f = 100 MHz
Base Emitter Voltage
VCE= 5 V , IC = 2 mA
Collector-Base Breakdown Voltage
V
BC849AW/BW/CW
BC846AW/BW/CW
BC846CW - BC850CW
BC850AW/BW/CW
Emitter-Base Breakdown Voltage
BC846AW/BW/CW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com