Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD7566ACS Datasheet(PDF) 45 Page - NEC

Part # UPD7566ACS
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD7566ACS Datasheet(HTML) 45 Page - NEC

Back Button UPD7566ACS Datasheet HTML 41Page - NEC UPD7566ACS Datasheet HTML 42Page - NEC UPD7566ACS Datasheet HTML 43Page - NEC UPD7566ACS Datasheet HTML 44Page - NEC UPD7566ACS Datasheet HTML 45Page - NEC UPD7566ACS Datasheet HTML 46Page - NEC UPD7566ACS Datasheet HTML 47Page - NEC UPD7566ACS Datasheet HTML 48Page - NEC UPD7566ACS Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
µPD7566A, 7566A(A)
45
(5) Remote Controller
µPD7566A
P80
(CMOS Output)
RESET
(with pull-down resistor
interconnected)
P00
P01
P10
P11
P12
P13
P100
P101
P102
P103
P82
P90
P91
P110
P111
P112
P113
P81
Inputs with pull-up
resistor
interconnected
N-channel,
open-drain
output
Ceramic oscillator
304 kHz
Infrared
light-emitting
diode
2SA733
70 keys max.
CL1
CL2
SE307-C
2SA952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com