Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1262CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1262CS8
Description  12V, 30mA Flash Memory Programming Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1262CS8 Datasheet(HTML) 8 Page - Linear Technology

  LTC1262CS8 Datasheet HTML 1Page - Linear Technology LTC1262CS8 Datasheet HTML 2Page - Linear Technology LTC1262CS8 Datasheet HTML 3Page - Linear Technology LTC1262CS8 Datasheet HTML 4Page - Linear Technology LTC1262CS8 Datasheet HTML 5Page - Linear Technology LTC1262CS8 Datasheet HTML 6Page - Linear Technology LTC1262CS8 Datasheet HTML 7Page - Linear Technology LTC1262CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1262
© LINEAR TECHNOLOGY CORPORATION 1994
LT/TP 0298 REV A 2K • PRINTED IN USA
OUTPUT CURRENT (mA)
0
10 203040 50 60 70 80 90 100
12.4
12.2
12.0
11.8
11.6
11.4
11.2
11.0
10.8
10.6
10.4
1262 TA04
VCC = 4.75V
VCC = 5.5V
VCC = 5V
1
2
3
4
8
7
6
5
0.22
µF
10
µF
10
µF
TIE TO VCC OR FLOAT
TO SHUTDOWN BOTH
DEVICES
LTC1262 • TA03
VCC
4.75V TO
5.5V
0.22
µF
1
2
3
4
8
7
6
5
0.22
µF
12V OUTPUT
0.22
µF
NOTE: KEEP DEVICES CLOSE TOGETHER OR
USE SEPARATE 4.7
µF TANTALUM
CAPACITORS IF THIS IS NOT POSSBILE.
C1–
C1+
C2–
C2+
SHDN
GND
VOUT
VCC
LTC1262
C1–
C1+
C2–
C2+
SHDN
GND
VOUT
VCC
LTC1262
Paralleling Devices
SEE FIGURE AT LEFT.
APPLICATI
TYPICAL
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1106*
Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
PCMCIA Card Power Control, 9
µA ISHDN, Small SMT
Components, Requires External Inductor
LT1109-12
Micropower Low Cost DC/DC Converter Adjustable and Fixed 12V
Three-Lead Z Package, Requires External Inductor
LT1109A-12
Micropower DC/DC Converter Flash Memory VPP Generator
Requires External Inductor
Adjustable and Fixed 12V
LT1301
Micropower High Efficiency 5V/12V Step-Up DC/DC
7
µA ISHDN, SMT Inductor and Capacitors
Converter for Flash Memory
LT1309
500kHz Micropower DC/DC Converter for Flash Memory
Small SMT Inductor and Capacitors, 6
µA ISHDN
* See also LT1312/LT1313 PCMCIA VPP drivers/regulators, LT1314/LT1315 PCMCIA switch matrix and the LTC1470/LTC1471/LTC1472 Protected VCC
and VPP switching matrices
Output Voltage vs Output Current for
Two Paralleled Devices
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507qTELEX: 499-3977q www.linear-tech.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com