Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1197CS8 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1197CS8
Description  10-Bit, 500ksps ADCs in MSOP with Auto Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1197CS8 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1197CS8 Datasheet HTML 17Page - Linear Technology LTC1197CS8 Datasheet HTML 18Page - Linear Technology LTC1197CS8 Datasheet HTML 19Page - Linear Technology LTC1197CS8 Datasheet HTML 20Page - Linear Technology LTC1197CS8 Datasheet HTML 21Page - Linear Technology LTC1197CS8 Datasheet HTML 22Page - Linear Technology LTC1197CS8 Datasheet HTML 23Page - Linear Technology LTC1197CS8 Datasheet HTML 24Page - Linear Technology LTC1197CS8 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC1197/LTC1197L
LTC1199/LTC1199L
S
APPLICATI
TYPICAL
MICROPROCESSOR INTERFACES
The LTC1197/LTC1197L/LTC1199/LTC1199L can inter-
face directly (without external hardware to most popular
microprocessor (MPU) synchronous serial formats (see
Table 1). If an MPU without a dedicated serial port is used,
then three or four of the MPU’s parallel port lines can be
programmed to form the serial link. Included here is one
serial interface example and one example showing a
parallel port programmed to form the serial interface.
Motorola SPI (MC68HC05C4, MC68HC11)
The MC68HC05C4 has been chosen as an example of an
MPU with a dedicated serial port. This MPU transfers data
MSB-first and in 8-bit increments. With two 8-bit trans-
fers, the A/D result is read into the MPU. The first 8-bit
transfer sends the DIN word to the LTC1199 and clocks the
two ADC MSBs (B9 and B8) into the MPU. The second 8-
bit transfer clocks the next 8 bits, B7 through B0, of the
ADC into the MPU.
ANDing the first MPU received byte with 03Hex clears the
six MSBs. Notice how the position of the start bit in the DIN
word is used to position the A/D result so that it is right-
justified in two memory locations.
Table 1. Microprocessor with Hardware Serial Interfaces
Compatible with the LTC1197/LTC1197L/LTC1199/LTC1199L
PART NUMBER
TYPE OF INTERFACE
Motorola
MC6805S2,S3
SPI
MC68HC11
SPI
MC68HC05
SPI
RCA
CDP68HC05
SPI
Hitachi
HD6301
SCI Synchronous
HD6303
SCI Synchronous
HD6305
SCI Synchronous
HD63701
SCI Synchronous
HD63705
SCI Synchronous
HD64180
CSI/O
National Semiconductor
COP400 Family
MICROWIRE
TM
COP800 Family
MICROWIRE/PLUS
TM
NSC8050U
MICROWIRE/PLUS
HPC16000 Family
MICROWIRE/PLUS
Texas Instruments
TMS7000 Family
Serial Port
TMS320 Family
Serial Port
Microchip Technology
PIC16C60 Family
SPI, SCI Synchronous
PIC16C70 Family
SPI, SCI Synchronous
MICROWIRE and MICROWIRE/PLUS are trademarks of
National Semiconductor Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com