Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C39 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZX55C39
Description  Hermatically Sealed Glass Zener
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX55C39 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX55C39 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX55C39 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX55C39 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX55C39 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
ELECTRICAL CHARACTERISTICS ( T
A= 25
oC unless otherwise noted )
Min
Max
BZX55C2V0
1.88
2.11
5.0
100
1.0
600
100
1.0
BZX55C2V2
2.08
2.33
5.0
100
1.0
600
100
1.0
BZX55C2V4
2.28
2.56
5.0
85
1.0
600
50
1.0
BZX55C2V7
2.51
2.89
5.0
85
1.0
600
10
1.0
BZX55C3V0
2.8
3.2
5.0
85
1.0
600
4.0
1.0
BZX55C3V3
3.1
3.5
5.0
85
1.0
600
2.0
1.0
BZX55C3V6
3.4
3.8
5.0
85
1.0
600
2.0
1.0
BZX55C3V9
3.7
4.1
5.0
85
1.0
600
2.0
1.0
BZX55C4V3
4.0
4.6
5.0
75
1.0
600
1.0
1.0
BZX55C4V7
4.4
5.0
5.0
60
1.0
600
0.5
1.0
BZX55C5V1
4.8
5.4
5.0
35
1.0
550
0.1
1.0
BZX55C5V6
5.2
6.0
5.0
25
1.0
450
0.1
1.0
BZX55C6V2
5.8
6.6
5.0
10
1.0
200
0.1
2.0
BZX55C6V8
6.4
7.2
5.0
8
1.0
150
0.1
3.0
BZX55C7V5
7.0
7.9
5.0
7
1.0
50
0.1
5.0
BZX55C8V2
7.7
8.7
5.0
7
1.0
50
0.1
6.2
BZX55C9V1
8.5
9.6
5.0
10
1.0
50
0.1
6.8
BZX55C10
9.4
10.6
5.0
15
1.0
70
0.1
7.5
BZX55C11
10.4
11.6
5.0
20
1.0
70
0.1
8.2
BZX55C12
11.4
12.7
5.0
20
1.0
90
0.1
9.1
BZX55C13
12.4
14.1
5.0
26
1.0
110
0.1
10
BZX55C15
13.8
15.6
5.0
30
1.0
110
0.1
11
BZX55C16
15.3
17.1
5.0
40
1.0
170
0.1
12
BZX55C18
16.8
19.1
5.0
50
1.0
170
0.1
14
BZX55C20
18.8
21.2
5.0
55
1.0
220
0.1
15
BZX55C22
20.8
23.3
5.0
55
1.0
220
0.1
17
BZX55C24
22.8
25.6
5.0
80
1.0
220
0.1
18
BZX55C27
25.1
28.9
5.0
80
1.0
220
0.1
20
BZX55C30
28
32
5.0
80
1.0
220
0.1
22
BZX55C33
31
35
5.0
80
1.0
220
0.1
24
BZX55C36
34
38
5.0
80
1.0
220
0.1
27
BZX55C39
37
41
2.5
90
0.5
500
0.1
28
BZX55C43
40
46
2.5
90
0.5
600
0.1
32
BZX55C47
44
50
2.5
110
0.5
700
0.1
35
BZX55C51
48
54
2.5
125
0.5
700
0.1
38
BZX55C56
52
60
2.5
135
0.5
1000
0.1
42
BZX55C62
58
66
2.5
150
0.5
1000
0.1
47
BZX55C68
64
72
2.5
160
0.5
1000
0.1
51
BZX55C75
70
80
2.5
170
0.5
1000
0.1
56
Notes:1. Tolerance and voltage designation : the type numbers listed have zener voltage as shown.
2. Specials available include : nomial zener voltages between the voltages shown and tighter voltage, for detailed
information on price, availability and delivery, contact your nearest Taiwan Semiconductor representative.
3. Zener voltage (VZ) measurement : the zener voltage is measured under pulse conditions such that TJ is more
than 2
oC above T
A .
4. Zener impedance (ZZ) derivation : zener impedance is derived from the 60-cycle ac voltage, which results
when ac current having an RMS value equal to 10% of the dc zener current(IZT) is superimposed to IZT .
Document Number: DS_S1410001
Version: C14
Device Type
VZ @ IZT (V)
BZX55C2V0 thru BZX55C75
Taiwan Semiconductor
IZT
(mA)
VR
(V)
ZZT @ IZT (Ω)
Max
IZK
(mA)
ZZK @ IZK (Ω)
Max
IR @ VR(μA)
Max



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com