Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C56 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZX55C56
Description  Hermatically Sealed Glass Zener
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX55C56 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX55C56 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX55C56 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX55C56 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX55C56 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Small Signal Product
- Wide zener voltage range selection: 2.0V to 75V
- Compression bonded construction
- Hermetically sealed glasss
- Solder hot dip Tin(Sn) lead finish
- Pb free and RoHS compliant
- All external surfaces are corrosion
resistant and leads are readily solderable
- Packing code with suffix "G" means
Halogen-free
- Case: DO-35
- High temperature soldering guaranteed: 260
oC/10s
- Polarity: Indicated by black cathode band
SYMBO
UNIT
PD
mW
VF
V
TJ, TSTG
oC
These ratings are limiting values above which the serviceability of the diode may be impaired.
Document Number: DS_S1410001
Version: C14
Junction and Storage Temperature Range
- 65 to +200
PARAMETER
VALUE
Power Dissipation
500
Forward Voltage
IF = 100 mA
1
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
BZX55C2V0 thru BZX55C75
Taiwan Semiconductor
Hermatically Sealed Glass Zener
FEATURES
Hermetically Sealed Glass
DO-35
MECHANICAL DATA


Similar Part No. - BZX55C56

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C56 VISHAY-BZX55C56 Datasheet
70Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Seme LAB
BZX55C56 SEME-LAB-BZX55C56 Datasheet
19Kb / 2P
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
logo
Diodes Incorporated
BZX55C56 DIODES-BZX55C56 Datasheet
168Kb / 3P
500mW ZENER DIODE
DS18013 Rev. 3 - 3
logo
EIC discrete Semiconduc...
BZX55C56 EIC-BZX55C56 Datasheet
28Kb / 2P
SILICON ZENER DIODES
logo
GOOD-ARK Electronics
BZX55C56 GOOD-ARK-BZX55C56 Datasheet
146Kb / 3P
SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX55C56

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
Hermetically Sealed Glass Package Zener Diodes
logo
Shenzhen Luguang Electr...
BZV55B LUGUANG-BZV55B Datasheet
385Kb / 4P
500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
logo
SeCoS Halbleitertechnol...
BZV55B SECOS-BZV55B_15 Datasheet
215Kb / 3P
Sealed Glass Zener Voltage Regulators
BZV55C SECOS-BZV55C_15 Datasheet
215Kb / 3P
Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4_15 Datasheet
202Kb / 4P
Hermetically Sealed Glass Zener
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
Hermetically Sealed Glass Zener Voltage Regulators
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
500mW, Hermetically Sealed Glass Zener Diodes
logo
SEC Electronics Inc.
BZV55B SECELECTRONICS-BZV55B Datasheet
215Kb / 3P
Sealed Glass Zener Voltage Regulators
BZV55C SECELECTRONICS-BZV55C Datasheet
215Kb / 3P
Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com