Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C30 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZX79C30
Description  5% Tolerance Zener Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79C30 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX79C30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79C30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX79C30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX79C30 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX79C30 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS ( T
A= 25
oC unless otherwise noted )
Min
Nom
Max
BZX79C2V0
BZX79C2V0
1.88
2.0
2.12
5
100
1.0
600
150
1.0
BZX79C2V2
BZX79C2V2
2.08
2.2
2.33
5
100
1.0
600
150
1.0
BZX79C2V4
BZX79C2V4
2.28
2.4
2.56
5
100
1.0
600
100
1.0
BZX79C2V7
BZX79C2V7
2.51
2.7
2.89
5
100
1.0
600
75
1.0
BZX79C3V0
BZX79C3V0
2.8
3.0
3.2
5
95
1.0
600
50
1.0
BZX79C3V3
BZX79C3V3
3.1
3.3
3.5
5
95
1.0
600
25
1.0
BZX79C3V6
BZX79C3V6
3.4
3.6
3.8
5
90
1.0
600
15
1.0
BZX79C3V9
BZX79C3V9
3.7
3.9
4.1
5
90
1.0
600
10
1.0
BZX79C4V3
BZX79C4V3
4.0
4.3
4.6
5
90
1.0
600
5
1.0
BZX79C4V7
BZX79C4V7
4.4
4.7
5.0
5
80
1.0
500
3
2.0
BZX79C5V1
BZX79C5V1
4.8
5.1
5.4
5
60
1.0
480
2
2.0
BZX79C5V6
BZX79C5V6
5.2
5.6
6.0
5
40
1.0
400
1
2.0
BZX79C6V2
BZX79C6V2
5.8
6.2
6.6
5
10
1.0
150
3
4.0
BZX79C6V8
BZX79C6V8
6.4
6.8
7.2
5
15
1.0
80
2
4.0
BZX79C7V5
BZX79C7V5
7.0
7.5
7.9
5
15
1.0
80
1
5.0
BZX79C8V2
BZX79C8V2
7.7
8.2
8.7
5
15
1.0
80
0.7
5.0
BZX79C9V1
BZX79C9V1
8.5
9.1
9.6
5
15
1.0
100
0.5
6.0
BZX79C10
BZX79C10
9.4
10
10.6
5
20
1.0
150
0.2
7.0
BZX79C11
BZX79C11
10.4
11
11.6
5
20
1.0
150
0.1
8.0
BZX79C12
BZX79C12
11.4
12
12.7
5
25
1.0
150
0.1
8.0
BZX79C13
BZX79C13
12.4
13
14.1
5
30
1.0
170
0.1
8
BZX79C15
BZX79C15
13.8
15
15.6
5
30
1.0
200
0.05
10.5
BZX79C16
BZX79C16
15.3
16
17.1
5
40
1.0
200
0.05
11.2
BZX79C18
BZX79C18
16.8
18
19.1
5
45
1.0
225
0.05
12.6
BZX79C20
BZX79C20
18.8
20
21.2
5
55
1.0
225
0.05
14.0
BZX79C22
BZX79C22
20.8
22
23.3
5
55
1.0
250
0.05
15.4
BZX79C24
BZX79C24
22.8
24
25.6
5
70
1.0
250
0.05
16.8
BZX79C27
BZX79C27
25.1
27
28.9
2
80
0.5
300
0.05
18.9
BZX79C30
BZX79C30
28.0
30
32.0
2
80
0.5
300
0.05
21.0
BZX79C33
BZX79C33
31.0
33
35.0
2
80
0.5
325
0.05
23.1
BZX79C36
BZX79C36
34.0
36
38.0
2
90
0.5
350
0.05
25.2
BZX79C39
BZX79C39
37.0
39
41.0
2
130
0.5
350
0.05
27.3
BZX79C43
BZX79C43
40.0
43
46.0
2
150
0.5
375
0.05
30.1
BZX79C47
BZX79C47
44.0
47
50.0
2
170
0.5
375
0.05
32.9
BZX79C51
BZX79C51
48.0
51
54.0
2
180
0.5
400
0.05
35.7
BZX79C56
BZX79C56
52.0
56
60.0
2
200
0.5
425
0.05
39.2
BZX79C62
BZX79C62
58.0
62
66.0
2.5
215
0.5
1000
0.05
43.4
BZX79C68
BZX79C68
64.0
68
72.0
2.5
240
0.5
1000
0.05
47.6
BZX79C75
BZX79C75
70.0
75
80.0
2.5
255
0.5
1000
0.05
52.5
Notes: 1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nomial zener voltage of ±5%.
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
4. The Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an
RMS value equal to 10% of the dc zener current(IZT or IZK) is superimposed to IZT or IZK.
Document Number: DS_S1408013
Version: E14
ZZT @ IZT (Ω)
Max
IZK
(mA)
ZZK @ IZK (Ω)
Max
IR @ VR(μA)
Max
BZX79C2V0 thru BZX79C75
Taiwan Semiconductor
Small Signal Product
Part Number
VZ @ IZT (Volt)
IZT
(mA)
Marking code
VR
(V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com