Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1285 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1285
Description  3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1285 Datasheet(HTML) 2 Page - Linear Technology

  LTC1285 Datasheet HTML 1Page - Linear Technology LTC1285 Datasheet HTML 2Page - Linear Technology LTC1285 Datasheet HTML 3Page - Linear Technology LTC1285 Datasheet HTML 4Page - Linear Technology LTC1285 Datasheet HTML 5Page - Linear Technology LTC1285 Datasheet HTML 6Page - Linear Technology LTC1285 Datasheet HTML 7Page - Linear Technology LTC1285 Datasheet HTML 8Page - Linear Technology LTC1285 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1285/LTC1288
(Notes 1 and 2)
Power Dissipation .............................................. 500mW
Operating Temperature Range .................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.) ................ 300
°C
PART MARKING
TJMAX = 150°C, θJA = 130°C/W
Consult factory for Industrial and Military grade parts.
ORDER PART
NUMBER
LTC1285CN8
ORDER PART
NUMBER
LTC1285CS8
1285C
PART MARKING
ORDER PART
NUMBER
LTC1288CN8
ORDER PART
NUMBER
LTC1288CS8
1288C
TJMAX = 150°C, θJA = 130°C/W
TJMAX = 150°C, θJA = 175°C/W
TJMAX = 150°C, θJA = 175°C/W
PACKAGE/ORDER INFORMATION
Supply Voltage (VCC) to GND................................... 12V
Voltage
Analog and Reference ................ –0.3V to VCC + 0.3V
Digital Inputs ......................................... –0.3V to 12V
Digital Output ............................. –0.3V to VCC + 0.3V
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage (Note 3)
LTC1285
2.7
6
V
LTC1288
2.7
6
V
fCLK
Clock Frequency
VCC = 2.7V
(Note 4)
120
kHz
tCYC
Total Cycle Time
LTC1285, fCLK = 120kHz
125.0
µs
LTC1288, fCLK = 120kHz
141.5
µs
thDI
Hold Time, DIN After CLK↑
VCC = 2.7V
450
ns
tsuCS
Setup Time CS
↓ Before First CLK↑ (See Operating Sequence)
LTC1285, VCC = 2.7V
2
µs
LTC1288, VCC = 2.7V
2
µs
tsuDI
Setup Time, DIN Stable Before CLK↑
VCC = 2.7V
600
ns
tWHCLK
CLK High Time
VCC = 2.7V
3.5
µs
tWLCLK
CLK Low Time
VCC = 2.7V
3.5
µs
tWHCS
CS High Time Between Data Transfer Cycles
VCC = 2.7V
2
µs
tWLCS
CS Low Time During Data Transfer
LTC1285, fCLK = 120kHz
123.0
µs
LTC1288, fCLK = 120kHz
139.5
µs
RECOM
ENDED OPERATING CONDITIONS
1
2
3
4
8
7
6
5
TOP VIEW
VREF
+IN
–IN
GND
VCC
CLK
DOUT
N8 PACKAGE
8-LEAD PDIP
CS/SHDN
1
2
3
4
8
7
6
5
TOP VIEW
CH0
CH1
GND
VCC (VREF)
CLK
DOUT
DIN
N8 PACKAGE
8-LEAD PDIP
CS/SHDN
1
2
3
4
8
7
6
5
TOP VIEW
VCC
CLK
DOUT
VREF
+IN
–IN
GND
S8 PACKAGE
8-LEAD PLASTIC SO
CS/SHDN
1
2
3
4
8
7
6
5
TOP VIEW
VCC (VREF)
CLK
DOUT
DIN
CH0
CH1
GND
S8 PACKAGE
8-LEAD PLASTIC SO
CS/SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com