Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1298C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1298C
Description  Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1298C Datasheet(HTML) 2 Page - Linear Technology

  LTC1298C Datasheet HTML 1Page - Linear Technology LTC1298C Datasheet HTML 2Page - Linear Technology LTC1298C Datasheet HTML 3Page - Linear Technology LTC1298C Datasheet HTML 4Page - Linear Technology LTC1298C Datasheet HTML 5Page - Linear Technology LTC1298C Datasheet HTML 6Page - Linear Technology LTC1298C Datasheet HTML 7Page - Linear Technology LTC1298C Datasheet HTML 8Page - Linear Technology LTC1298C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1286/LTC1298
1298C
1298I
ORDER PART
NUMBER
LTC1286CN8
LTC1286IN8
TJMAX = 150°C, θJA = 130°C/W
TJMAX = 150°C, θJA = 175°C/W
ORDER PART
NUMBER
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS (Notes 1 and 2)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1286C/LTC1298C ............................. 0
°C to 70°C
LTC1286I/LTC1298I ........................... –40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec.) ................ 300
°C
Supply Voltage (VCC) to GND................................... 12V
Voltage
Analog and Reference ................ –0.3V to VCC + 0.3V
Digital Inputs ......................................... –0.3V to 12V
Digital Output ............................. –0.3V to VCC + 0.3V
PART MARKING
1286C
1286I
ORDER PART
NUMBER
LTC1298CN8
LTC1298IN8
ORDER PART
NUMBER
PART MARKING
LTC1298CS8
LTC1298IS8
LTC1286CS8
LTC1286IS8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage (Note 3)
LTC1286
4.5
9.0
V
LTC1298
4.5
5.5
V
fCLK
Clock Frequency
VCC = 5V
(Note 4)
200
kHz
tCYC
Total Cycle Time
LTC1286, fCLK = 200kHz
80
µs
LTC1298, fCLK = 200kHz
90
µs
thDI
Hold Time, DIN After CLK↑
VCC = 5V
150
ns
tsuCS
Setup Time CS
↓ Before First CLK↑ (See Operating Sequence)
LTC1286, VCC = 5V
2
µs
LTC1298, VCC = 5V
2
µs
tsuDI
Setup Time, DIN Stable Before CLK↑
VCC = 5V
400
ns
tWHCLK
CLK High Time
VCC = 5V
2
µs
tWLCLK
CLK Low Time
VCC = 5V
2
µs
tWHCS
CS High Time Between Data Transfer Cycles
VCC = 5V
2
µs
tWLCS
CS Low Time During Data Transfer
LTC1286, fCLK = 200kHz
75
µs
LTC1298, fCLK = 200kHz
85
µs
RECOM
ENDED OPERATING CONDITIONS
Consult factory for military grade parts.
1
2
3
4
8
7
6
5
TOP VIEW
VREF
+IN
–IN
GND
VCC
CLK
DOUT
N8 PACKAGE
8-LEAD PLASTIC DIP
CS/SHDN
1
2
3
4
8
7
6
5
TOP VIEW
CH0
CH1
GND
VCC (VREF)
CLK
DOUT
DIN
N8 PACKAGE
8-LEAD PLASTIC DIP
CS/SHDN
1
2
3
4
8
7
6
5
TOP VIEW
VCC (VREF)
CLK
DOUT
DIN
CH0
CH1
GND
S8 PACKAGE
8-LEAD PLASTIC SOIC
CS/SHDN
1
2
3
4
8
7
6
5
TOP VIEW
VCC
CLK
DOUT
VREF
+IN
–IN
GND
S8 PACKAGE
8-LEAD PLASTIC SOIC
CS/SHDN
TJMAX = 150°C, θJA = 130°C/W
TJMAX = 150°C, θJA = 175°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com