Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1318 Datasheet(PDF) 6 Page - Linear Technology

Part # 1318
Description  Single 5V RS232/RS422/AppleTalk DCE Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1318 Datasheet(HTML) 6 Page - Linear Technology

  1318 Datasheet HTML 1Page - Linear Technology 1318 Datasheet HTML 2Page - Linear Technology 1318 Datasheet HTML 3Page - Linear Technology 1318 Datasheet HTML 4Page - Linear Technology 1318 Datasheet HTML 5Page - Linear Technology 1318 Datasheet HTML 6Page - Linear Technology 1318 Datasheet HTML 7Page - Linear Technology 1318 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1318
PIN FUNCTIONS
C2+, C2– (Pins 22, 23): C2 inputs. Connect a 0.1
µFcapacitor
between C2+ and C2–.
V– (Pin 24): Charge Pump Negative Output. This pin
requires a 0.1
µFcapacitortoground.Undernormalopera-
tion, this pin maintains a voltage of about 8.6V below
ground. An external load can be connected between this
pin and ground or V+.
1318 F01
VOD
VOC
+
+
–
–
TXD
TXD+
TXD–
RL/2
RL/2
Figure 1.
Figure 2.
1318 F02
TXD
CL
CL
CL
TXD+
RXD+
RXD0/RXD2
RXD–/
RXI2
TXD–
RD
TEST CIRCUITS
Figure 4. Differential Receiver
V OD2
(RXD+) – (RXD–)
RXDO
VOL
VOH
LT1318 • F04
tPLH
tPHL
–VOD2
1.5V
1.5V
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
3V
0V
TXD
f = 1MHz: tr ≤ 10ns: tf ≤ 10ns
1.5V
–VO
VO
tSKEW
1/2 VO
LT1318 • F03
tPLH
tr
90%
50%
10%
tPHL
tf
90%
50%
10%
VO
tSKEW
VDIFF = V(TXD
+) – V(TXD–)
TXD–
TXD+
Figure 3. Differential Driver
SWITCHING WAVEFORM S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com