| Electronic Components Datasheet Search |
|
LTC1286CS8 Datasheet(PDF) 22 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC1286CS8 Datasheet(HTML) 22 Page - Linear Technology |
|
22 / 24 page ![]() 22 LTC1286/LTC1298 TYPICAL APPLICATIONS N Interfacing to the Parallel Port of the INTEL 8051 Family The Intel 8051 has been chosen to demonstrate the interface between the LTC1298 and parallel port micro- processors. Normally the CS, CLK and DIN signals would be generated on 3 port lines and the DOUT signal read on a 4th port line. This works very well. However, we will demonstrate here an interface with the DIN and DOUT of the LTC1298 tied together as described in the SERIAL INTER- FACE section. This saves one wire. The 8051 first sends the start bit and MUX address to the LTC1298 over the data line connected to P1.2. Then P1.2 is reconfigured as an input (by writing to it a one) and the 8051 reads back the 12-bit A/D result over the same data line. LABEL MNEMONIC OPERAND COMMENTS MOV A, #FFH DIN word for LTC1298 SETB P1.4 Make sure CS is high CLR P1.4 CS goes low MOV R4, #04 Load counter LOOP 1 RLC A Rotate DIN bit into Carry CLR P1.3 SCLK goes low MOV P1.2, C Output DIN bit to LTC1298 SETB P1.3 SCLK goes high DJNZ R4, LOOP 1 Next bit MOV P1, #04 Bit 2 becomes an input CLR P1.3 SCLK goes low MOV R4, #09 Load counter LOOP 2 MOV C, P1.2 Read data bit into Carry RLC A Rotate data bit into Acc. SETB P1.3 SCLK goes high CLR P1.3 SCLK goes low DJNZ R4, LOOP 2 Next bit MOV R2, A Store MSBs in R2 CLR A Clear Acc. MOV R4, #04 Load counter LOOP 3 MOV C, P1.2 Read data bit into Carry RLC A Rotate data bit into Acc. SETB P1.3 SCLK goes high CLR P1.3 SCLK goes low DJNZ R4, LOOP 3 Next bit MOV R4, #04 Load counter LOOP 4 RRC A Rotate right into Acc. DJNZ R4, LOOP 4 Next Rotate MOV R3, A Store LSBs in R3 SETB P1.4 CS goes high DOUT FROM 1298 STORED IN 8501 RAM MSB R2 B11 B10 B9 B8 B7 B6 B5 B4 LSB R3 B3 B2 B1 B0 0 0 0 0 CS CLK DOUT DIN LTC1298 ANALOG INPUTS P1.4 P1.3 P1.2 8051 MUX ADDRESS A/D RESULT LTC1286/98 TA01 CLK MSBF BIT LATCHED INTO LTC1298 8051 P1.2 OUTPUTS DATA TO LTC1298 LTC1298 SENDS A/D RESULT BACK TO 8051 P1.2 LTC1298 TAKES CONTROL OF DATA LINE ON 4TH FALLING CLK 8051 P1.2 RECONFIGURED AS IN INPUT AFTER THE 4TH RISING CLK AND BEFORE THE 4TH FALLING CLK MSBF B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 SGL/ DIFF START DATA (DIN/DOUT) LTC1286/98 TA02 CS ODD/ SIGN |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |