Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1291CC Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1291CC
Description  Single Chip 12-Bit Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1291CC Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1291CC Datasheet HTML 2Page - Linear Technology LTC1291CC Datasheet HTML 3Page - Linear Technology LTC1291CC Datasheet HTML 4Page - Linear Technology LTC1291CC Datasheet HTML 5Page - Linear Technology LTC1291CC Datasheet HTML 6Page - Linear Technology LTC1291CC Datasheet HTML 7Page - Linear Technology LTC1291CC Datasheet HTML 8Page - Linear Technology LTC1291CC Datasheet HTML 9Page - Linear Technology LTC1291CC Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1291
I
DAGRA
BLOCK
TEST CIRCUITS
Load Circuit for tdDO, tr and tf
Load Circuit for tdis and ten
On and Off Channel Leakage Current
5V
A
A
IOFF
ION
POLARITY
OFF CHANNEL
ON CHANNEL
1291 TC01
Voltage Waveforms for tdis
DOUT
3k
100pF
TEST POINT
5V tdis WAVEFORM 2, ten
tdis WAVEFORM 1
1291 TC05
DOUT
WAVEFORM 1
(SEE NOTE 1)
2.0V
tdis
90%
10%
DOUT
WAVEFORM 2
(SEE NOTE 2)
CS
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNLESS DISABLED BY THE OUTPUT CONTROL.
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNLESS DISABLED BY THE OUTPUT CONTROL.
1291 TC06
INPUT
SHIFT
REGISTER
COMP
SAMPLE
AND
HOLD
12-BIT
CAPACITIVE
DAC
OUTPUT
SHIFT
REGISTER
12-BIT
SAR
CONTROL
AND
TIMING
VCC (VREF)
8
ANALOG
INPUT MUX
2
3
GND
4
CH1
CH0
DOUT
6
1
CLK
7
CS
1291 BD
5
DIN
DOUT
1.4V
3k
100pF
TEST POINT
1291 TC02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com