Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1335C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1335C
Description  RS232/EIA562/RS485 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1335C Datasheet(HTML) 2 Page - Linear Technology

  LTC1335C Datasheet HTML 1Page - Linear Technology LTC1335C Datasheet HTML 2Page - Linear Technology LTC1335C Datasheet HTML 3Page - Linear Technology LTC1335C Datasheet HTML 4Page - Linear Technology LTC1335C Datasheet HTML 5Page - Linear Technology LTC1335C Datasheet HTML 6Page - Linear Technology LTC1335C Datasheet HTML 7Page - Linear Technology LTC1335C Datasheet HTML 8Page - Linear Technology LTC1335C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1321/LTC1322/LTC1335
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage
VCC .................................................................... 6.5V
VDD (LTC1321/LTC1322 Only) ........................... 10V
VEE ................................................................... – 10V
Input Voltage
Drivers ................................... – 0.3V to (VCC + 0.3V)
Receivers ............................................. – 25V to 25V
ON/OFF, LB, SEL1,
SEL2, OE ............................ – 0.3V to (VCC + 0.3V)
Output Voltage
Drivers ................................................. – 25V to 25V
Receivers ............................... – 0.3V to (VCC + 0.3V)
Output Short-Circuit Duration ......................... Indefinite
Operating Temperature Range
LTC1321C/LTC1322C/LTC1335C ......... 0
°C to 70°C
LTC1321I/LTC1322I/LTC1335I ......... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
PACKAGE/ORDER I FOR ATIO
2 RS485 DRIVERS/RECEIVERS
2 EIA/TIA-562 DRIVERS/RECEIVERS
2 RS485 DRIVERS/RECEIVERS
4 EIA/TIA-562 DRIVERS/RECEIVERS
2 RS485 DRIVERS/RECEIVERS
4 EIA/TIA-562 DRIVERS/RECEIVERS
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
S PACKAGE
24-LEAD PLASTIC SOL
24
23
22
21
20
19
18
17
16
15
14
13
VDD
B1
A1
Z1
Y1
SEL1
SEL2
Y2
Z2
A2
B2
GND
VCC
NC
RA1
DE1
DY1
LB
ON/OFF
DY2
DE2
RA2
NC
VEE
N PACKAGE
24-LEAD PLASTIC DIP
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
VDD
B1
A1
Z1
Y1
SEL1
SEL2
Y2
Z2
A2
B2
GND
VCC
RB1
RA1
DZ1/DE1
DY1
LB
ON/OFF
DY2
DZ2/DE2
RA2
RB2
VEE
S PACKAGE
24-LEAD PLASTIC SOL
N PACKAGE
24-LEAD PLASTIC DIP
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
OE
B1
A1
Z1
Y1
SEL1
SEL2
Y2
Z2
A2
B2
GND
VCC
RB1
RA1
DZ1/DE1
DY1
LB
ON/OFF
DY2
DZ2/DE2
RA2
RB2
VEE
S PACKAGE
24-LEAD PLASTIC SOL
N PACKAGE
24-LEAD PLASTIC DIP
TJMAX = 125°C, θJA = 75°C/W (N)
TJMAX = 125°C, θJA = 85°C/W (S)
TJMAX = 125°C, θJA = 75°C/W (N)
TJMAX = 125°C, θJA = 85°C/W (S)
TJMAX = 125°C, θJA = 75°C/W (N)
TJMAX = 125°C, θJA = 85°C/W (S)
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
LTC1321CN
LTC1321CS
LTC1321IN
LTC1321IS
LTC1335CN
LTC1335CS
LTC1335IN
LTC1335IS
LTC1322CN
LTC1322CS
LTC1322IN
LTC1322IS
Consult factory for Military grade parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com