Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1327CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1327CS
Description  3.3V Micropower EIA/TIA-562 Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1327CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1327CS Datasheet HTML 1Page - Linear Technology LTC1327CS Datasheet HTML 2Page - Linear Technology LTC1327CS Datasheet HTML 3Page - Linear Technology LTC1327CS Datasheet HTML 4Page - Linear Technology LTC1327CS Datasheet HTML 5Page - Linear Technology LTC1327CS Datasheet HTML 6Page - Linear Technology LTC1327CS Datasheet HTML 7Page - Linear Technology LTC1327CS Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1327
SUPPLY VOLTAGE (V)
0
14
12
10
8
6
4
2
0
30
50
1327 G06
10
20
40
60
70
ISC
ISC
+
DATA RATE (k BAUD)
0
45
40
35
30
25
20
15
10
5
0
1327 G03
40
20
60
80
120
100
140
VCC = 3.3V
RL = 3k
CL = 1000pF
3 DRIVERS ACTIVE
VCC Supply Current vs Data Rate
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEMPERATURE (°C)
0
60
45
40
35
30
25
20
15
10
5
0
1327 G05
20
70
10
30
40
50
VOUT = –20V
VOUT = 20V
Driver Leakage in SHUTDOWN
vs Temperature
Driver Short-Circuit Current vs
Supply Voltage
PI FU CTIO S
VCC: 3.3V Input Supply Pin. Supply current 0.2µA in the
SHUTDOWN mode. This pin should be decoupled with a
0.1
µF ceramic capacitor.
GND: Ground Pin.
ON/OFF: TTL/CMOS Compatible Shutdown Pin. A logic
low puts the device in SHUTDOWN mode which reduces
the supply current to 0.2
µA and places all drivers and
receivers in high impedance state. This pin cannot float.
V +: Positive Supply Output (EIA/TIA-562 Drivers).
V+
≅ 2VCC – 1V. This pin requires an external capacitor
C = 0.1
µF for charge storage. The capacitor may be tied to
ground or 3.3V. With multiple devices, the V + and V pins
may be paralleled into common capacitors. For large
numbers of devices, increasing the size of the shared
common storage capacitors is recommended to reduce
ripple.
V : Negative Supply Output (EIA/TIA-562 Drivers).
V
≅ – (2VCC – 1.3). This pin requires an external capacitor
C = 0.1
µF for a charge storage.
DRIVER
OUTPUT
RL = 3k
DRIVER
OUTPUT
RL = 3k
CL = 1000pF
INPUT
1327 G08
1327 G09
Driver Output Waveform
Receiver Output Waveform
INPUT
RECEIVER
OUTPUT
CL = 50pF
Receiver Short-Circuit Current
vs Temperature
TEMPERATURE (°C)
0
60
1327 G07
20
40
40
35
30
25
20
15
10
5
0
10
30
50
70
ISC
+
ISC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com