Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1337C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1337C
Description  5V Low Power RS232 3-Driver/5-Receiver Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1337C Datasheet(HTML) 2 Page - Linear Technology

  LTC1337C Datasheet HTML 1Page - Linear Technology LTC1337C Datasheet HTML 2Page - Linear Technology LTC1337C Datasheet HTML 3Page - Linear Technology LTC1337C Datasheet HTML 4Page - Linear Technology LTC1337C Datasheet HTML 5Page - Linear Technology LTC1337C Datasheet HTML 6Page - Linear Technology LTC1337C Datasheet HTML 7Page - Linear Technology LTC1337C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1337
LTC1337CG
LTC1337CN
LTC1337CS
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
Supply Voltage (VCC) ................................................ 6V
Input Voltage
Driver ....................................... – 0.3V to VCC + 0.3V
Receiver ............................................... – 25V to 25V
On/Off Pin .................................. – 0.3V to VCC + 0.3V
Output Voltage
Driver .................................................... – 25V to 25V
Receiver .................................... – 0.3V to VCC + 0.3V
Short Circuit Duration
V+ ................................................................... 30 sec
V– ................................................................... 30 sec
Driver Output .............................................. Indefinite
Receiver Output .......................................... Indefinite
Operating Temperature Range
Commercial (LTC1337C) ........................ 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
V+
VCC
C1+
C1–
DR1 OUT
RX1 IN
DR2 OUT
RX2 IN
RX3 IN
RX4 IN
DR3 OUT
RX5 IN
ON/OFF
NC
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V –
C2+
C2–
DR1 IN
RX1 OUT
DR2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DR3 IN
RX5 OUT
GND
NC
NC
N PACKAGE
28-LEAD PLASTIC DIP
TOP VIEW
S PACKAGE
28-LEAD PLASTIC SOL
G PACKAGE
28-LEAD SSOP
TJMAX = 125°C, θJA = 96°C/W (G)
TJMAX = 125°C, θJA = 56°C/W (N)
TJMAX = 125°C, θJA = 85°C/W (S)
Consult factory for Industrial and Military grade parts.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Any Driver
Output Voltage Swing
RL = 3k to GND
Positive
q
5.0
7.0
V
RL = 3k to GND
Negative
q
– 5.0
– 6.5
V
Logic Input Voltage Level
Input Low Level (VOUT = High)
q
1.4
0.8
V
Input High Level (VOUT = Low)
q
2.0
1.4
V
Logic Input Current
VIN = 5V
q
5
µA
VIN = 0
q
–5
µA
Output Short-Circuit Current
VOUT = 0V
±10
mA
Output Leakage Current
SHUTDOWN, VOUT = ±20V (Note 3)
q
10
200
µA
Any Receiver
Input Voltage Thresholds
Input Low Threshold
q
0.8
1.3
V
Input High Threshold
q
1.7
2.4
V
Hysteresis
q
0.1
0.4
1
V
Input Resistance
357
k
Ω
Output Voltage
Output Low, IOUT = – 1.6mA (VCC = 5V)
q
0.2
0.4
V
Output High, IOUT = 160µA (VCC = 5V)
q
3.5
4.8
V
Output Short-Circuit Current
Sourcing Current, VOUT = 0
15
20
mA
Sinking Current, VOUT = VCC
– 15
– 40
mA
Output Leakage Current
SHUTDOWN, 0
≤ VOUT ≤ VCC (Note 3)
q
110
µA
ELECTRICAL C
C
HARA TERISTICS
C
D
VCC = 5V, C1 = C2 = C3 = C4 = 0.1µF, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com