Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1345 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1345
Description  Single Supply V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1345 Datasheet(HTML) 5 Page - Linear Technology

  LTC1345 Datasheet HTML 1Page - Linear Technology LTC1345 Datasheet HTML 2Page - Linear Technology LTC1345 Datasheet HTML 3Page - Linear Technology LTC1345 Datasheet HTML 4Page - Linear Technology LTC1345 Datasheet HTML 5Page - Linear Technology LTC1345 Datasheet HTML 6Page - Linear Technology LTC1345 Datasheet HTML 7Page - Linear Technology LTC1345 Datasheet HTML 8Page - Linear Technology LTC1345 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1345
Y3 (Pin 22): Transmitter 3 Noninverting Output.
Z2 (Pin 23): Transmitter 2 Inverting Output.
Y2 (Pin 24): Transmitter 2 Noninverting Output
Z1 (Pin 25): Transmitter 1 Inverting Output.
Y1 (Pin 26): Transmitter 1 Noninverting Output.
VEE (Pin 27): Charge Pump Output. Connected to negative
terminal of capacitor C3.
C2 – (Pin 28): Capacitor C2 Negative Terminal.
Transmitter and Receiver Configuration
S1
S2
TX#
RX#
REMARKS
0
0
—
—
Shutdown
1
0
1, 2, 3
1, 2
DCE Mode, RX3 Shut Down
0
1
1, 2
1, 2, 3
DTE Mode, TX3 Shut Down
1
1
1, 2, 3
1, 2, 3
All Active
Transmitter
INPUTS
OUTPUTS
CONFIGURATION
S1 S2
T
Y1 AND Y2
Z1 AND Z2
Y3
Z3
DTE
0
1
0
0
1
Z
Z
DTE
0
1
1
1
0
Z
Z
DCE or All ON
1
X
0
0
1
0
1
DCE or All ON
1
X
1
1
0
1
0
Shutdown
0
0
X
Z
Z
Z
Z
Receiver
INPUTS
OUTPUTS
CONFIGURATION
S1 S2 OE
B – A
R1 AND R2
R3
DTE or All ON
X
1
0
≥0.2V
1
1
DTE or All ON
X
1
0
≤–0.2V
0
0
DCE
1
0
0
≥0.2V
1
Z
DCE
1
0
0
≤–0.2V
0
Z
Disabled
X
X
1
X
Z
Z
Shutdown
0
0
X
X
Z
Z
15pF
OE
R
50
Ω
125
Ω
Y
Z
Z
Y
T
125
Ω
50
Ω
50
Ω
LTC1345 • F01
50
Ω
B
A
VOD
VOS
VOC = (VY + VZ)/2
Figure 1. V.35 Transmitter/Receiver Test Circuit
Figure 2. Receiver Output Enable/Disable Timing Test Load
CL
1k
LTC1345 • F02
S1
S2
VCC
RECEIVER
OUTPUT
PI FU CTIO S
FU CTIO TABLES
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com