Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1345CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1345CSW
Description  Single Supply V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1345CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1345CSW Datasheet HTML 1Page - Linear Technology LTC1345CSW Datasheet HTML 2Page - Linear Technology LTC1345CSW Datasheet HTML 3Page - Linear Technology LTC1345CSW Datasheet HTML 4Page - Linear Technology LTC1345CSW Datasheet HTML 5Page - Linear Technology LTC1345CSW Datasheet HTML 6Page - Linear Technology LTC1345CSW Datasheet HTML 7Page - Linear Technology LTC1345CSW Datasheet HTML 8Page - Linear Technology LTC1345CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1345
Single Supply
V.35 Transceiver
s
Single Chip Provides All V.35 Differential Clock
and Data Signals
s
Operates From Single 5V Supply
s
Software Selectable DTE or DCE Configuration
s
Transmitters and Receivers Will Withstand
Repeated
±10kV ESD Pulses
s
Shutdown Mode Reduces ICC to 1µA Typ
s
10MBaud Transmission Rate
s
Transmitter Maintains High Impedance When
Disabled, Shut Down, or with Power Off
s
Meets CCITT V.35 Specification
s
Transmitters are Short-Circuit Protected
The LTC
®1345 is a single chip transceiver that provides the
differential clock and data signals for a V.35 interface from
a single 5V supply. Combined with an external resistor
termination network and an LT
®1134A RS232 transceiver
for the control signals, the LTC1345 forms a complete low
power DTE or DCE V.35 interface port operating from a
single 5V supply.
The LTC1345 features three current output differential
transmitters, three differential receivers, and a charge
pump. The transceiver can be configured for DTE or DCE
operation or shut down using two Select pins. In the
Shutdown mode, the supply current is reduced to 1
µA.
The transceiver operates up to 10Mbaud. All transmitters
feature short-circuit protection and a Receiver Output
Enable pin allows the receiver outputs to be forced into a
high impedance state. Both transmitter outputs and re-
ceiver inputs feature
±10kV ESD protection. The charge
pump features a regulated VEE output using three external
1
µF capacitors.
s
Modems
s
Telecommunications
s
Data Routers
Clock and Data Signals for V.35 Interface
DCE
DTE
, LTC and LT are registered trademarks of Linear Technology Corporation.
4
1
µF
VCC1
5V
2
1
1
µF
1
µF1µF
1
µF
28
27
3
6
1
2
26
25
12
12
11
18
17
1
µF
DX
LTC1345
LTC1345
BI
627T500/1250
BI
627T500/1250
BI TECHNOLOGIES
627T500/1250 (SOIC) OR
899TR50/125 (DIP)
28
VCC2
5V
1
2
1
µF
4
3
27
1
µF
RX
T
TXD (103)
SCTE (113)
TXC (114)
RXC (115)
RXD (104)
GND (102)
T
7
3
4
24
23
10
13
9
16
15
DX
RX
T
T
11
14
13
20
19
1
6
2
26
25
T
T
12
12
11
18
17
10
14
8
9
3
7
4
24
23
T
T
8
13
10
9
16
15
7
5
5
7
5
8
6
22
21
T
T
RX
RX
RX
VCC1
10
14
LTC1345 • TA01
9
VCC2
DX
DX
DX
50
=
125
T
50
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LTC1345CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1345 LINER-LTC1345 Datasheet
218Kb / 12P
Single Supply V.35 Transceiver
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
Single Supply V.35 Transceiver
More results

Similar Description - LTC1345CSW

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP322 SIPEX-SP322 Datasheet
438Kb / 13P
Programmable V.11/V.35 Transceiver
logo
Linear Technology
LTC1324 LINER-LTC1324 Datasheet
241Kb / 8P
Single Supply LocalTalk Transceiver
logo
Sipex Corporation
SP322 SIPEX-SP322 Datasheet
318Kb / 14P
Programmable V.11/V.35 Transceiver
logo
Exar Corporation
XRT3591 EXAR-XRT3591 Datasheet
354Kb / 16P
SINGLECHIP V. 35 TRANSCEIVER
XR-T3591 EXAR-XR-T3591 Datasheet
690Kb / 16P
SINGLE CHIP V.35 TRANSCEIVER
XR-T3590 EXAR-XR-T3590 Datasheet
689Kb / 16P
SINGLE CHIP V.35 TRANSCEIVER
logo
Sipex Corporation
SP322 SIPEX-SP322_05 Datasheet
352Kb / 13P
Programmable V.11/V.35 Transceiver
logo
Linear Technology
LTC1324 LINER-LTC1324_15 Datasheet
161Kb / 8P
Single Supply LocalTalk Transceiver
LTC1345 LINER-LTC1345_15 Datasheet
218Kb / 12P
Single Supply V.35 Transceiver
LTC1346A LINER-LTC1346A_15 Datasheet
234Kb / 12P
10Mbps DCE/DTE V.35 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com