Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1346AC Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1346AC
Description  10Mbps DCE/DTE V.35 Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1346AC Datasheet(HTML) 5 Page - Linear Technology

  LTC1346AC Datasheet HTML 1Page - Linear Technology LTC1346AC Datasheet HTML 2Page - Linear Technology LTC1346AC Datasheet HTML 3Page - Linear Technology LTC1346AC Datasheet HTML 4Page - Linear Technology LTC1346AC Datasheet HTML 5Page - Linear Technology LTC1346AC Datasheet HTML 6Page - Linear Technology LTC1346AC Datasheet HTML 7Page - Linear Technology LTC1346AC Datasheet HTML 8Page - Linear Technology LTC1346AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1346A
FU CTIO
TABLES
Transmitter and Receiver Configuration
S0
S1
S2
DX ON
RX ON
Description
0
0
0
—
1, 2, 3
All RX ON, All DX OFF
1
0
0
—
—
All OFF, Shutdown
0
1
0
1, 2, 3
1, 2
DCE Mode
1
1
0
1, 2, 3
—
DCE Mode, All RX OFF
0
0
1
1, 2
1, 2, 3
DTE Mode
1
0
1
1, 2
—
DTE Mode, All RX OFF
0
1
1
1, 2, 3
1, 2, 3
All ON
1
1
1
1, 2, 3
—
All DX ON, All RX OFF
Transmitter
INPUTS
OUTPUTS
CONFIGURATION S0 S1 S2
T Y1 AND Y2 Z1 AND Z2 Y3 Z3
All OFF
0
0
0
X
Z
Z
Z
Z
Shutdown
1
0
0
X
Z
Z
Z
Z
DCE or All ON
X
1
X
0
0
1
0
1
DCE or All ON
X
1
X
1
1
0
1
0
DTE
X
0
1
0
0
1
Z
Z
DTE
X
0
1
1
1
0
Z
Z
Receiver
INPUTS
OUTPUTS
CONFIGURATION
S0 S1 S2
A – B
R1 AND R2
R3
All Rx ON
0
0
0
≤ –0.2V
0
0
All Rx ON
0
0
0
≥0.2V
1
1
Shutdown
1
0
0
X
Z
Z
DCE
0
1
0
≤ –0.2V
0
Z
DCE
0
1
0
≥0.2V
1
Z
Disabled
1
1
0
X
Z
Z
DTE or All ON
0
X
1
≤ –0.2V
0
0
DTE or All ON
0
X
1
≥0.2V
1
1
Disabled
1
X
1
X
Z
Z
TEST CIRCUITS
CL
1k
LTC1346A • F02
SW1
SW2
VCC
RECEIVER
OUTPUT
Figure 2. Receiver Output Enable and Disable Timing Test Load
15pF
S0
R
50
Ω
125
Ω
Y
Z
Z
Y
T
125
Ω
50
Ω
50
Ω
LTC1346A • F01
50
Ω
A
B
VOD
VOS
VOC = (VY + VZ)/2
Figure 1. V.35 Transmitter/Receiver Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com