Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1348 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1348
Description  3.3V/5V Low Power RS232 3-Driver/5-Receiver Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1348 Datasheet(HTML) 5 Page - Linear Technology

  LTC1348 Datasheet HTML 1Page - Linear Technology LTC1348 Datasheet HTML 2Page - Linear Technology LTC1348 Datasheet HTML 3Page - Linear Technology LTC1348 Datasheet HTML 4Page - Linear Technology LTC1348 Datasheet HTML 5Page - Linear Technology LTC1348 Datasheet HTML 6Page - Linear Technology LTC1348 Datasheet HTML 7Page - Linear Technology LTC1348 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1348
PI FU CTIO S
VCC: 3V to 5.5V Input Supply Pin. This pin should be
decoupled with a 0.1
µF ceramic capacitor.
GND: Ground Pin.
RXEN: TTL/CMOS Compatible Enable Pin. Refer to Table
1 for its functional description.
DREN: TTL/CMOS Compatible Enable Pin. Refer to Table
1 for its functional description.
V+: Positive Supply Output (RS232 Drivers). This pin
requires an external capacitor C = 0.1
µF for charge stor-
age. The capacitor may be tied to ground or VCC. With
multiple devices, the V+ and V – pins may be paralleled into
common capacitors. For large numbers of devices, in-
creasing the size of the shared common storage capaci-
tors is recommended to reduce ripple.
V–: Negative Supply Output (RS232 Drivers). This pin
requires an external capacitor C = 0.1
µF for charge
storage.
C1+, C1–, C2+, C2–, C3+, C3–: Commutating Capacitor
Inputs. These pins require three external capacitors C =
0.1
µF: one from C1+ to C1–, another from C2+ to C2– and
another from C3+ to C3–. To maintain charge pump
efficiency, the capacitor’s effective series resistance should
be less than 1
Ω. Ceramic capacitors are recommended.
DR IN: RS232 Driver Input Pins. Inputs are TTL/CMOS
compatible. The inputs of unused drivers can be left
unconnected since 300k input pull-up resistors to VCC are
included on chip. To minimize power consumption, the
internal driver pull-up resistors are disconnected from VCC
in the Shutdown or Receiver Alive mode.
DR OUT: Driver Outputs at RS232 Voltage Levels. Outputs
are in a high impedance state when in the Shutdown,
Receiver Alive mode or VCC = 0V. The driver outputs are
protected against ESD to
±10kV for human body model
discharges.
RX IN: Receiver Inputs. These pins can be forced to
±25V
without damage. The receiver inputs are protected against
ESD to
±10kV for human body model discharges. Each
receiver provides 0.4V of hysteresis for noise immunity. In
Receiver Alive mode all receivers have no hysteresis.
RX OUT: Receiver Outputs with TTL/CMOS Voltage Lev-
els. Outputs are in a high impedance state when in the
Shutdown or Receiver Disable mode to allow data line
sharing.
Table 1. Functional Description
MODE
RX ENABLE
DR ENABLE
DRIVERS
RECEIVERS
ICC TYP
Shutdown
0
0
All Drivers Shutdown.
All Receivers Shutdown.
0.2
µA
All Driver Outputs Assume High Impedance.
All Receiver Outputs Assume High Impedance.
All Driver Pull-Up Resistors Disconnect
From VCC.
Receiver
0
1
All Drivers Alive.
All Receiver Outputs in Three-State.
600
µA at
Disable
3.3V,
800
µA at
5V
Receiver
1
0
All Drivers Shutdown.
All Receivers Alive.
15
µA
Alive
All Driver Outputs in Three-State.
All Driver Pull-Up Resistors Disconnect
From VCC.
Normal
1
1
All Drivers Alive.
All Receivers Alive.
600
µA at
3.3V,
800
µA at
5V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com