Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLDB3L1G Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # LLDB3L1G
Description  150mW Bi-directional Trigger Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LLDB3L1G Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  LLDB3L1G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LLDB3L1G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LLDB3L1G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LLDB3L1G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd LLDB3L1G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGE OUTLINE DIMENSIONS
Mini-MELF (LL34)
Min
Max
Min
Max
A
3.30
3.70
0.130
0.146
B
1.40
1.60
0.055
0.063
C
0.20
0.50
0.008
0.020
SUGGESTED PAD LAYOUT
A
B
C
D
Document Number: DS_S1407002
Typ.
Typ.
1.25
0.049
5.00
0.197
2.50
0.098
2.00
0.079
DIM.
Unit (mm)
Unit (inch)
Version: D14
LLDB3/ LLDB3TG
DIM.
Taiwan Semiconductor
Unit (mm)
Unit (inch)
Small Signal Product
C
B
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com