Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1387 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1387
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1387 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1387 Datasheet HTML 3Page - Linear Technology LTC1387 Datasheet HTML 4Page - Linear Technology LTC1387 Datasheet HTML 5Page - Linear Technology LTC1387 Datasheet HTML 6Page - Linear Technology LTC1387 Datasheet HTML 7Page - Linear Technology LTC1387 Datasheet HTML 8Page - Linear Technology LTC1387 Datasheet HTML 9Page - Linear Technology LTC1387 Datasheet HTML 10Page - Linear Technology LTC1387 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1387
BLOCK DIAGRAM
RS232 MODE
WITHOUT LOOPBACK
ON
13
RA
C2
C1
RB
DY
DZ
B
A
VDD
VCC
19
20
1
4
2
3
6
7
8
18
16
15
14
Y
Z
5
17
GND
DXEN
485/232
10
9
LTC1387 • BD
RXEN
12
11
VEE
RS232 MODE
WITH LOOPBACK
ON
13
RA
C2
C1
RB
DY
DZ
VDD
VCC
19
20
1
2
3
6
7
8
18
16
15
14
Y
Z
17
GND
DXEN*
485/232
10
9
RXEN*
12
11
VEE
RS485 MODE
WITHOUT LOOPBACK
ON
13
RA
C2
C1
RB
DY
SLEW
B
A
VDD
VCC
19
20
1
4
2
3
6
7
8
18
16
15
14
Y
Z
5
17
GND
DXEN
485/232*
10
9
RXEN
12
11
VEE
RS485 MODE
WITH LOOPBACK
ON
13
RA
C2
C1
RB
DY
SLEW
VDD
VCC
19
20
1
2
3
6
7
8
18
16
15
14
Y
Z
17
GND
DXEN*
485/232*
10
9
RXEN*
12
11
VEE
*485/232, DXEN, RXEN = VCC
TEST CIRCUITS
Figure 2. RS485 Driver/Receiver
Timing Test Circuit
Figure 1. RS485 Driver
Test Load
R
R
VOD
Z
Y
LTC1387 • F01
VOC
RL
CL
LTC1387 • F02
Z
Y
CL
B
R
A
15pF
D
SLEW
485 = 3V, DXEN = 3V, RXEN = 3V
Figure 3. RS485 Driver Output
Enable/Disable Timing Test Load
DR OUT
CL
500
Ω
S2
LTC1387 • F03
VCC
S1
Figure 4. RS232 Driver
Timing Test Circuit
Figure 6. Receiver Output
Enable/Disable Timing Test Load
RECEIVER
OUT
CL
1k
S2
LTC1387 • F06
VCC
S1
Figure 5. RS232 Receiver
Timing Test Circuit
LTC1387 • F05
15pF
Y, Z
D
R
A, B
232 = 0V, DXEN = 3V, RXEN = 3V
RL
LTC1387 • F04
Y, Z
D
CL
232 = 0V, DXEN = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com