Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1387C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1387C
Description  Single 5V RS232/RS485 Multiprotocol Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1387C Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1387C Datasheet HTML 2Page - Linear Technology LTC1387C Datasheet HTML 3Page - Linear Technology LTC1387C Datasheet HTML 4Page - Linear Technology LTC1387C Datasheet HTML 5Page - Linear Technology LTC1387C Datasheet HTML 6Page - Linear Technology LTC1387C Datasheet HTML 7Page - Linear Technology LTC1387C Datasheet HTML 8Page - Linear Technology LTC1387C Datasheet HTML 9Page - Linear Technology LTC1387C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1387
FU CTIO TABLES
Select Modes
SELECT INPUTS
RECEIVER
DRIVER
ON
RXEN DXEN
485/232
RXA
RXB
DXY
DXZ
1
0
0
0
Z
Z
Z
Z
ON
OFF
RS232 Mode, DX and RX Off
1
0
1
0
Z
Z
ON
ON
ON
OFF
RS232 Mode, DXY and DXZ On, RX Off
1
1
0
0
ON
ON
Z
Z
ON
OFF
RS232 Mode, DX Off, RXA and RXB On
1
1
1
0
ON
ON
ON
ON
ON
OFF
RS232 Mode, DXY and DXZ On,
RXA and RXB On
0
0
1
0
Z
Z
ON
Z
ON
OFF
RS232 Mode, DXY On, DXZ Off, RX Off
0
1
0
0
Z
ON
ON
Z
ON
OFF
RS232 Mode, DXY On,
DXZ Off, RXA Off, RXB On
0
1
1
0
ON
ON
ON
ON
ON
ON
RS232 Loopback Mode, DXY and DXZ On,
RXA and RXB On
0
0
0
X
Z
Z
Z
Z
OFF
OFF
Shutdown, RS485 RIN
1
0
0
1
Z
Z
Z
Z
ON
OFF
RS485 Mode, DX and RX Off
X
0
1
1
Z
Z
ON
ON
ON
OFF
RS485 Mode, DX On, RX Off
X
1
0
1
ON
Z
Z
Z
ON
OFF
RS485 Mode, DX Off, RX On
1
1
1
1
ON
Z
ON
ON
ON
OFF
RS485 Mode, DX On, RX On
0
1
1
1
ON
Z
ON
ON
ON
ON
RS485 Loopback Mode, DX On, RX On
RS232 Driver Mode
INPUTS
OUTPUTS
SELECTED
485/232
D
CONDITIONS
Y, Z
YES
0
0
No Fault
1
YES
0
1
No Fault
0
YES
0
X
Thermal Fault
Z
NO
0
X
X
Z
RS232 Receiver Mode
INPUTS
OUTPUTS
SELECTED
485/232
A, B
RA, RB
YES
0
0
1
YES
0
1
0
YES
0
Inputs Open
1
NO
0
X
Z
RS485 Driver Slew Rate
INPUTS
OUTPUTS
DXEN
485/232
SLEW
SLEW RATE
1
1
0
Slow
1
1
1
Fast
01
X
Z
RS485 Driver Mode
INPUTS
OUTPUTS
DXEN
485/232
D
CONDITIONS
Z
Y
1
1
0
No Fault
0
1
1
1
1
No Fault
1
0
1
1
X
Thermal Fault
Z
Z
01
X
X
Z
Z
RS485 Receiver Mode
INPUTS
OUTPUTS
RXEN
485/232
B – A
RA
RB
1
1
< – 0.2V
0
Z
1
1
> 0.2V
1
Z
1
1
Inputs Open
1
Z
or Shorted to Ground
01
X
Z
Z
CHARGE PUMP LOOPBACK
COMMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com