Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1392C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1392C
Description  Micropower Temperature, Power Supply and Differential Voltage Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1392C Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1392C Datasheet HTML 2Page - Linear Technology LTC1392C Datasheet HTML 3Page - Linear Technology LTC1392C Datasheet HTML 4Page - Linear Technology LTC1392C Datasheet HTML 5Page - Linear Technology LTC1392C Datasheet HTML 6Page - Linear Technology LTC1392C Datasheet HTML 7Page - Linear Technology LTC1392C Datasheet HTML 8Page - Linear Technology LTC1392C Datasheet HTML 9Page - Linear Technology LTC1392C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1392
TEST CIRCUITS
Voltage Waveforms for tdis
DOUT
WAVEFORM 1
(SEE NOTE 1)
2.0V
tdis
90%
10%
DOUT
WAVEFORM 2
(SEE NOTE 2)
CS
NOTE 1: WAVEFORM 1 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS HIGH UNTIL DISABLED BY THE OUTPUT CONTROL.
NOTE 2: WAVEFORM 2 IS FOR AN OUTPUT WITH INTERNAL CONDITIONS SUCH
THAT THE OUTPUT IS LOW UNTIL DISABLED BY THE OUTPUT CONTROL.
LTC1392 • TC06
APPLICATIONS INFORMATION
DIGITAL CONSIDERATIONS
Serial Interface
The LTC1392 communicates with microprocessors and
other external circuitry via a synchronous, half-duplex,
3-wire serial interface (see Figure 1). The clock (CLK)
synchronizes the data transfer with each bit being trans-
mitted on the falling CLK edge and captured on the rising
CLK edge in both transmitting and receiving systems. The
input data is first received and then the A/D conversion
result is transmitted (half-duplex). Half-duplex operation
allows DIN and DOUT to be tied together allowing transmis-
sion over three wires: CS, CLK and DATA (DIN/DOUT). Data
transfer is initiated by a falling chip select (CS) signal. After
the falling CS is recognized, an 80
µs delay is needed for
The LTC1392 is a micropower data acquisition system
designed to measure temperature, an on-chip power
supply voltage and a differential input voltage. The LTC1392
contains the following functional blocks:
1. On-chip temperature sensor
2. 10-bit successive approximation capacitive ADC
3. Bandgap reference
4. Analog multiplexer (MUX)
5. Sample-and-hold (S/H)
6. Synchronous, half-duplex serial interface
7. Control and timing logic
Load Circuit for tdDO, tr and tf
DOUT
1.4V
3k
100pF
TEST POINT
LTC1392 • TC02
Voltage Waveforms for DOUT Delay Time, tdDO
CLK
DOUT
VIL
tdDO
VOL
VOH
LTC1392 • TC03
Load Circuit for tdis and ten
DOUT
3k
100pF
TEST POINT
5V tdis WAVEFORM 2, ten
tdis WAVEFORM 1
LTC1392 • TC05
Voltage Waveforms for DOUT Rise and Fall Times, tr and tf
DOUT
VOL
VOH
tr
tf
1392 TC04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com