Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESDC24VRRG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TESDC24VRRG
Description  Bi-directional TVS Diode Array
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDC24VRRG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TESDC24VRRG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDC24VRRG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDC24VRRG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDC24VRRG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TESDC24VRRG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO.
TESDC24V
PART NO.
TESDC24V
TESDC24V
Document Number: DS_S1405025
Version: E14
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
TESDC24V RRG
RR
G
Green compound
MANUFACTURE
CODE (Note 1)
GREEN
COMPOUND
CODE
PACKAGE
PACKING
MARKING
Note 1: Indicator of manufacturing site for manufacture special control, if empty means no special control requirement
TESDC24V
RR
G
SOD-323
3K / 7" Reel
2H
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PACKING
CODE
TESDC24V-E0 RRG
E0
RR
G
Green compound
EXAMPLE
PREFERRED P/N



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com