Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1393IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1393IGN
Description  Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1393IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1393IGN Datasheet HTML 4Page - Linear Technology LTC1393IGN Datasheet HTML 5Page - Linear Technology LTC1393IGN Datasheet HTML 6Page - Linear Technology LTC1393IGN Datasheet HTML 7Page - Linear Technology LTC1393IGN Datasheet HTML 8Page - Linear Technology LTC1393IGN Datasheet HTML 9Page - Linear Technology LTC1393IGN Datasheet HTML 10Page - Linear Technology LTC1393IGN Datasheet HTML 11Page - Linear Technology LTC1393IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1380/LTC1393
138093f LT/GP 0398 4K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1998
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417q (408)432-1900
FAX: (408) 434-0507q TELEX: 499-3977 q www.linear-tech.com
TYPICAL APPLICATION
8 Differential Channel Multiplexer with A/D Converter
PART NUMBER
DESCRIPTION
COMMENTS
LTC201A/LTC202/
Micropower, Low Charge Injection, Quad CMOS
Each Channel is Independently Controlled
LTC203
Analog Switches with Data Latches
LTC221/LTC222
Micropower, Low Charge Injection, Quad CMOS Analog Switches
Parallel Controlled with Data Latches
LTC1390/LTC1391
8-Channel, Analog Multiplexer with Serial Interface
3V to
±5V in 16-Pin SO and PDIP
LTC1623
High Side Switch with SMBus Interface
Regulated On-Board Charge Pump Drives
External N-Channel MOSFETS
RELATED PARTS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1393
0.1
µF
15k
8 DIFFERENTIAL
ANALOG INPUTS
15k
5V
S0+
S0
S1+
S1
S2+
S2
S3+
S3
VCC
SCL
SDA
A0
A1
GND
DO
DO
+
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1393
1380/93 TA06
S0+
S0
S1+
S1
S2+
S2
S3+
S3
VCC
SCL
SDA
A0
A1
GND
DO
DO
+
1
2
3
4
8
7
6
5
VREF
+ IN
– IN
GND
SERIAL CLOCK IN
SERIAL CLOCK OUT
CS
VCC
CLK
DOUT
CS/SHDN
LTC1286
4.7
µF
SMBus
HOST
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com