Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1402C Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1402C
Description  Serial 12-Bit, 2.2Msps Sampling ADC with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1402C Datasheet(HTML) 4 Page - Linear Technology

  LTC1402C Datasheet HTML 1Page - Linear Technology LTC1402C Datasheet HTML 2Page - Linear Technology LTC1402C Datasheet HTML 3Page - Linear Technology LTC1402C Datasheet HTML 4Page - Linear Technology LTC1402C Datasheet HTML 5Page - Linear Technology LTC1402C Datasheet HTML 6Page - Linear Technology LTC1402C Datasheet HTML 7Page - Linear Technology LTC1402C Datasheet HTML 8Page - Linear Technology LTC1402C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1402
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX)
Maximum Sampling Frequency (Conversion Rate)
q
2.2
MHz
tTHROUGHPUT
Minimum Sampling Period (Conversion + Acquisiton Period)
q
455
ns
tSCK
Minimum Clock Period
q
28
10000
ns
tCONV
Conversion Time Greater Than 13 Clocks + 6ns
(Note 9)
q
375
ns
tACQ
Acquisition Time Greater Than 2 Clocks – 6ns
(Notes 9, 16)
q
51
ns
t1
Minimum Positive or Negative SCK Pulse Width
(Note 9)
q
3.8
6
ns
t2
CONV to SCK Setup Time
(Notes 9, 13)
q
7.3
12
ns
t3
SCK After CONV
(Note 9)
q
0ns
t4
Minimum Positive or Negative CONV Pulse Width
(Note 9)
q
3.5
5
ns
t5
SCK to Sample Mode
(Notes 9, 14)
q
914
ns
t6
CONV to Hold Mode
(Note 9)
q
3.4
5
ns
t7
Minimum Delay Between Conversions
(Note 9)
q
48
ns
t8
Minimum Delay from SCK to Valid Bits 0 Through 11
(Notes 9, 15)
q
912
ns
t8a
Minimum Delay from SCK to Valid REFREADY
(Notes 9, 15)
q
15
20
ns
t9
SCK to Hi-Z at DOUT
(Notes 9, 15)
q
11.4
16
ns
t10
Previous DOUT Bit Remains Valid After SCK
(Notes 9, 15)
q
47
ns
t11
REFREADY Bit Delay After Sleep-to-Wake Transition
(Notes 9, 17)
q
10
ms
t12
VREF Settling Time After Sleep-to-Wake Transition
(Notes 9, 17)
q
2ms
The q denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage
4.75
5.00
5.25
V
VSS
Negative Supply Voltage
– 5.25
– 5.00
0
V
IDD
Positive Supply Current
Active Mode
q
18
30
mA
Nap Mode
q
35
mA
Sleep Mode
2
10
µA
ISS
Negative Supply Current
Active, Sleep or Nap Modes with SCK Off
q
2
µA
PD
Power Dissipation
Active Mode with SCK in Fixed State (Hi or Lo)
90
150
mW
POWER REQUIRE E TS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground with DGND, AGND1
and AGND2 wired together.
Note 3: When these pins are taken below VSS or above VDD, they will be
clamped by internal diodes. This product can handle input currents greater
than 100mA below VSS or greater than VDD without latchup.
Note 4: When these pins are taken below VSS, they will be clamped by
internal diodes. This product can handle input currents greater than
100mA below VSS or greater than VDD. These pins are not clamped to VDD.
Note 5: VDD = 5V, fSAMPLE = 2.2MHz, VSS = 0V for unipolar mode
specifications and VSS = – 5V for bipolar specifications.
The q denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
Note 6: Linearity, offset and full-scale specifications apply for a single-
ended AIN
+ input with AIN– grounded and using the internal reference in
bipolar mode with
±5V supplies.
Note 7: Integral linearity is defined as the deviation of a code from the
straight line passing through the actual endpoints of a transfer curve. The
deviation is measured from the center of quantization band.
Note 8: Bipolar offset is the offset measured from – 0.5LSB when the input
flickers between 1000 0000 0000 and 0111 1111 1111.
Note 9: Guaranteed by design, not subject to test.
Note 10: Recommended operating conditions.
Note 11: The analog input range is defined as the voltage difference
between AIN
+ and AIN–. The bipolar ±2.048V input range could be used
with a single 5V supply if the absolute voltages of the inputs remain within
the single 5V supply voltage.
TI I G CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com