Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1406C Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1406C
Description  Low Power, 8-Bit, 20Msps, Sampling A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1406C Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1406C Datasheet HTML 2Page - Linear Technology LTC1406C Datasheet HTML 3Page - Linear Technology LTC1406C Datasheet HTML 4Page - Linear Technology LTC1406C Datasheet HTML 5Page - Linear Technology LTC1406C Datasheet HTML 6Page - Linear Technology LTC1406C Datasheet HTML 7Page - Linear Technology LTC1406C Datasheet HTML 8Page - Linear Technology LTC1406C Datasheet HTML 9Page - Linear Technology LTC1406C Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1406
PIN FUNCTIONS
AVDD (Pin 9): Analog 5V Positive Supply. Bypass to ana-
log ground plane with 10
µF tantalum in parallel with 0.1µF
or 10
µF ceramic.
AGND (Pin 10):Analog Ground. Tie to analog ground plane.
DGND (Pin 11): Digital Ground for Internal Logic. Tie to
analog ground plane.
DVDD(Pin12):Digital5VPositiveSupply.BypasstoDGND
with 10
µF tantalum in parallel with 0.1µF or 10µF ceramic.
NC (Pins 13, 14): No Internal Connection.
D7 to D0 (Pins 15 to 22): Digital Data Outputs. The out-
puts swing between OVDD and OGND.
OF/UF (Pin 23): Overflow/Underflow Bit. OF/UF high with
D7 to D0 all high indicates an overrange, OF/UF high with
D7 to D0 all low indicates an underrange condition. OF/UF
low indicates a conversion within the normal input range.
The outputs swing between OVDD and OGND.
CLK (Pin 24):Clock Input. Internal sample-and-hold tracks
the input signal when CLK is high and samples the input
signal on the falling edge.
AVDD = DVDD = VDD
NOMINAL (V)
ABSOLUTE MAXIMUM (V)
PIN
NAME
DESCRIPTION
MIN
TYP
MAX
MIN
MAX
1
OGND
Ground for Output Drivers
0
– 0.3
VDD + 0.3
2OVDD
Supply for Output Drivers
2.7
3 or 5
5.25
– 0.3
6
3
SHDN
Shutdown Input, Active Low
0
VDD
– 0.3
10
4VBIAS
Internal Bias Voltage
1.9
2.2
2.5
– 0.3
VDD + 0.3
5VREF
External Reference Input
2
2.5
3
– 0.3
VDD + 0.3
6
AGND
Analog Ground, Clean Ground
0
– 0.3
VDD + 0.3
7AIN+
Positive Analog Input,
±1V Span
0
VDD
– 0.3
VDD + 0.3
8AIN–
Negative Analog Input
0
VDD
– 0.3
VDD + 0.3
9AVDD
Analog Supply
4.75
5
5.25
– 0.3
6
10
AGND
Analog Ground, Substrate Ground
0
– 0.3
VDD + 0.3
11
DGND
Digital Ground
0
– 0.3
VDD + 0.3
12
DVDD
Digital Supply
4.75
5
5.25
– 0.3
6
13 to 14
NC
No Connect, No Internal Connection
15 to 22
D7 to D0
Data Outputs
OGND
OVDD
– 0.3
VDD + 0.3
23
OF/UF
Overflow/Underflow Output
OGND
OVDD
– 0.3
VDD + 0.3
24
CLK
Clock Input
0
VDD
– 0.3
10
TI I G DIAGRA
ANALOG
SIGNAL
CLOCK
N – 1
N – 6
N – 5
N – 4
N – 3
N – 2
N – 1
N
1406 TD
N
t6
N + 1
DATA OUT
t3
t1
t2
N + 2
N + 3
N + 4
N + 6
N + 5
t4
t5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com