Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1410CG Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1410CG
Description  12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1410CG Datasheet(HTML) 2 Page - Linear Technology

  LTC1410CG Datasheet HTML 1Page - Linear Technology LTC1410CG Datasheet HTML 2Page - Linear Technology LTC1410CG Datasheet HTML 3Page - Linear Technology LTC1410CG Datasheet HTML 4Page - Linear Technology LTC1410CG Datasheet HTML 5Page - Linear Technology LTC1410CG Datasheet HTML 6Page - Linear Technology LTC1410CG Datasheet HTML 7Page - Linear Technology LTC1410CG Datasheet HTML 8Page - Linear Technology LTC1410CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1410
AVDD = DVDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................ 6V
Negative Supply Voltage (VSS) ............................... –6V
Total Supply Voltage (VDD to VSS) .......................... 12V
Analog Input Voltage
(Note 3) .................................. VSS – 0.3V to VDD + 0.3V
Digital Input Voltage (Note 4) ............ VSS – 0.3V to 10V
Digital Output Voltage ................... – 0.3V to VDD + 0.3V
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1410C .............................................. 0
°C to 70°C
LTC1410I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER
PART NUMBER
Consult factory for Military grade parts.
PUT
I
A
A
LOG
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
q
12
Bits
Integral Linearity Error
(Note 7)
q
±0.3
±1
LSB
Differential Linearity Error
q
±0.3
±1
LSB
Offset Error
(Note 8)
±2
±6
LSB
q
±8
LSB
Full-Scale Error
±15
LSB
Full-Scale Tempco
IOUT(REF) = 0
q
±15
ppm/
°C
TJMAX = 110°C, θJA = 90°C/W (SW)
TJMAX = 110°C, θJA = 95°C/W (G)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+AIN
–AIN
VREF
REFCOMP
AGND
D11(MSB)
D10
D9
D8
D7
D6
D5
D4
DGND
AVDD
DVDD
VSS
BUSY
CS
CONVST
RD
SHDN
NAP/SLP
OGND
D0
D1
D2
D3
G PACKAGE
28-LEAD PLASTIC SSOP
SW PACKAGE
28-LEAD PLASTIC SO WIDE
TOP VIEW
LTC1410CG
LTC1410CSW
LTC1410IG
LTC1410ISW
CC
HARA TERISTICS
CO VERTER
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. With Internal Reference (Notes 5, 6)
The q denotes specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 9)
4.75V
≤ VDD ≤ 5.25V, –5.25V ≤ VSS ≤ –4.75V q
±2.5
V
IIN
Analog Input Leakage Current
CS = High
q
±1
µA
CIN
Analog Input Capacitance
Between Conversions
17
pF
During Conversions
5
pF
t ACQ
Sample-and-Hold Acquisition Time
q
50
100
ns
t AP
Sample-and-Hold Aperture Delay Time
–1.5
ns
tjitter
Sample-and-Hold Aperture Delay Time Jitter
5
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
– 2.5V < (– AIN = AIN) < 2.5V
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com