Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1412CG Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1412CG
Description  12-Bit, 3Msps, Sampling A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1412CG Datasheet(HTML) 5 Page - Linear Technology

  LTC1412CG Datasheet HTML 1Page - Linear Technology LTC1412CG Datasheet HTML 2Page - Linear Technology LTC1412CG Datasheet HTML 3Page - Linear Technology LTC1412CG Datasheet HTML 4Page - Linear Technology LTC1412CG Datasheet HTML 5Page - Linear Technology LTC1412CG Datasheet HTML 6Page - Linear Technology LTC1412CG Datasheet HTML 7Page - Linear Technology LTC1412CG Datasheet HTML 8Page - Linear Technology LTC1412CG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1412
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT FREQUENCY (Hz)
10
–120
–40
–20
0
100
1k
10k
1412 G03
–60
–80
–100
3RD
THD
2ND
Distortion vs Input Frequency
Spurious-Free Dynamic Range
vs Input Frequency
INPUT FREQUENCY (Hz)
2
4
6
8
10
1k
100k
1M
10M
1412 G01
0
10k
12
62
74
56
68
S/(N + D) and Effective Number of
Bits vs Input Frequency
FREQUENCY (Hz)
10K
–60
–50
–40
–30
–20
100K
1M
10M
1412 G04
–70
–80
–90
–100
–10
0
Signal-to-Noise Ratio
vs Input Frequency
INPUT FREQUENCY (Hz)
10k
40
60
80
100k
1M
10M
1412 G02
20
30
50
70
10
0
Integral Nonlinearity
vs Output Code
OUTPUT CODE
0
–1.0
– 0.5
0
0.5
1.0
512 1024 1536 2048
1412 G07
2560 3072 3584 4096
Intermodulation Distortion Plot
FREQUENCY (kHz)
0
200
400
600
800 1000 1200 1400
–110
–100
–80
–70
–90
–60
–50
–40
–30
0
1412 G05
–20
–10
fSMPL = 3MHz
fIN1 = 85.693359kHz
fIN2 = 114.990234kHz
Differential Nonlinearity
vs Output Code
OUTPUT CODE
0
–1.0
– 0.5
0
0.5
1.0
512 1024 1536 2048
1412 G06
2560 3072 3584 4096
FREQUENCY (kHz)
0
200
400
600
800 1000 1200 1400
–120
–100
–80
–60
–40
0
1412 F02a
–20
fSMPL = 3Msps
fIN = 97.412kHz
SFDR = 93.3dB
SINAD = 73dB
Nonaveraged, 4096 Point FFT,
Input Frequency = 100kHz
FREQUENCY (kHz)
0
200
400
600
800 1000 1200 1400
–120
–100
–80
–60
–40
0
1412 F02B
–20
fSMPL = 3Msps
fIN = 1.419kHz
SFDR = 83dB
SINAD = 72.5dB
SNR = 73db
Nonaveraged, 4096 Point FFT,
Input Frequency = 1.45kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com