Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1417C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1417C
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417C Datasheet(HTML) 2 Page - Linear Technology

  LTC1417C Datasheet HTML 1Page - Linear Technology LTC1417C Datasheet HTML 2Page - Linear Technology LTC1417C Datasheet HTML 3Page - Linear Technology LTC1417C Datasheet HTML 4Page - Linear Technology LTC1417C Datasheet HTML 5Page - Linear Technology LTC1417C Datasheet HTML 6Page - Linear Technology LTC1417C Datasheet HTML 7Page - Linear Technology LTC1417C Datasheet HTML 8Page - Linear Technology LTC1417C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
LTC1417
(Notes 1, 2)
Positive Supply Voltage (VDD) .................................. 6V
Negative Supply Voltage (VSS)
Bipolar Operation Only .......................... – 6V to GND
Total Supply Voltage (VDD to VSS)
Bipolar Operation Only ....................................... 12V
Analog Input Voltage (Note 3)
Unipolar Operation .................. – 0.3V to (VDD + 0.3V)
Bipolar Operation............ (VSS – 0.3) to (VDD + 0.3V)
Digital Input Voltage (Note 4)
Unipolar Operation ............................... – 0.3V to 10V
Bipolar Operation.........................(VSS – 0.3V) to 10V
Digital Output Voltage
Unipolar Operation ................... – 0.3 to (VDD + 0.3V)
Bipolar Operation........... (VSS – 0.3V) to (VDD + 0.3V)
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1417C .............................................. 0
°C to 70°C
LTC1417I ............................................ – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER
PART NUMBER
TJMAX = 110°C, θJA = 95°C/W
LTC1417
LTC1417A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
q
14
14
Bits
No Missing Codes
q
13
14
Bits
Integral Linearity Error
(Note 7)
q
±0.8 ±2
±0.5 ±1.25
LSB
Differential Linearity Error
q
±0.7 ±1.5
±0.35 ±1
LSB
Transition Noise
(Note 12)
0.33
0.33
LSBRMS
Offset Error
External Reference (Note 8)
q
±5
±20
±2
±10
LSB
Full-Scale Error
Internal Reference
±15 ±60
±15 ±60
LSB
External Reference = 2.5V
±5
±30
±5
±15
LSB
Full-Scale Tempco
IOUT(REF) = 0, Internal Reference, 0°C ≤ TA ≤ 70°C
±15
±10
ppm/
°C
IOUT(REF) = 0, Internal Reference, – 40°C ≤ TA ≤ 85°C
±20
ppm/
°C
IOUT(REF) = 0, External Reference
±5
±1
ppm/
°C
CC
HARA TERISTICS
CO VERTER
LTC1417ACGN
LTC1417CGN
LTC1417AIGN
LTC1417IGN
GN PART MARKING
Consult factory for Military grade parts.
1417A
1417
1417AI
1417I
GN PACKAGE
16-LEAD (NARROW) PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
AIN
+
AIN
–
VREF
REFCOMP
AGND
EXTCLKIN
SCLK
CLKOUT
VDD
VSS
BUSY
CONVST
RD
SHDN
DGND
DOUT
The q indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Specifications are measured while using the internal reference unless
otherwise noted. (Notes 5, 6)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 9)
4.75V
≤ VDD ≤ 5.25V (Unipolar)
q
0 to 4.096
V
4.75V
≤ VDD ≤ 5.25V, –5.25V ≤ VSS ≤ –4.75V (Bipolar)
q
±2.048
V
IIN
Analog Input Leakage Current
CONVST = High
q
±1
µA
The q indicates specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 5)
A ALOG I PUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com