Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1417IGN Datasheet(PDF) 30 Page - Linear Technology

Part # LTC1417IGN
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417IGN Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC1417IGN Datasheet HTML 24Page - Linear Technology LTC1417IGN Datasheet HTML 25Page - Linear Technology LTC1417IGN Datasheet HTML 26Page - Linear Technology LTC1417IGN Datasheet HTML 27Page - Linear Technology LTC1417IGN Datasheet HTML 28Page - Linear Technology LTC1417IGN Datasheet HTML 29Page - Linear Technology LTC1417IGN Datasheet HTML 30Page - Linear Technology LTC1417IGN Datasheet HTML 31Page - Linear Technology LTC1417IGN Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30
LTC1417
TYPICAL APPLICATIONS
BCLR
PORTD,Y %00100000
This sets the SS* output bit to a logic
*
low, selecting the LTC1417
TRFLP1 LDAA
#$0
Load accumulator A with a null byte for SPI transfer
STAA
SPDR
This writes the byte into the SPI data register and
*
starts the transfer
WAIT1
LDAA
SPSR
This loop waits for the SPI to complete a serial
*
transfer/exchange by reading the SPI Status Register
BPL
WAIT1
The SPIF (SPI transfer complete flag) bit is the SPSR’s
*
MSB and is set to one at the end of an SPI transfer. The
*
branch will occur while SPIF is a zero.
LDAA
SPDR
Load accumulator A with the current byte of LTC1417 data
*
that was just received
STAA
0,X
Transfer the LTC1417’s data to memory
INX
Increment the pointer
CPX
#DIN2+1Has the last byte been transferred/exchanged?
BNE
TRFLP1 If the last byte has not been reached, then proceed to
*
the next byte for transfer/exchage
BSET
PORTD,Y %00100000
This sets the SS* output bit to a logic
*
high, de-selecting the LTC1417
LDD
DIN1
Load the contents of DIN1 and DIN2 into the double
*
accumulator D
LSRD
LSRD
Two logical shifts to right justify the 14-bit
*
conversion results
STD
DIN1
Return right justified data to memory
PULA
Restore the A register
PULY
Restore the Y register
PULX
Restore the X register
RTS
CONVST
BUSY
SCLK
DOUT
RD
MUX
DATA
CH5
CH3 DATA
CH2 DATA
CH1 DATA
CH0 DATA
CH0
CH1
CH2
CH3
1417 F24
Figure 24. Using the Sample Program In Listing 2, the LTC1417, Combined with the DG408 8-Channel MUX,
Has No Latency Between the Selected Input Voltage and Its Conversion Data as Shown In the Timing Relationship Above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com