Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1422C Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1422C
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1422C Datasheet(HTML) 2 Page - Linear Technology

  LTC1422C Datasheet HTML 1Page - Linear Technology LTC1422C Datasheet HTML 2Page - Linear Technology LTC1422C Datasheet HTML 3Page - Linear Technology LTC1422C Datasheet HTML 4Page - Linear Technology LTC1422C Datasheet HTML 5Page - Linear Technology LTC1422C Datasheet HTML 6Page - Linear Technology LTC1422C Datasheet HTML 7Page - Linear Technology LTC1422C Datasheet HTML 8Page - Linear Technology LTC1422C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1422
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 130°C/W (N)
TJMAX = 150°C, θJA = 150°C/W (S)
1
2
3
4
8
7
6
5
TOP VIEW
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
RESET
ON
TIMER
GND
VCC
SENSE
GATE
FB
Supply Voltage (VCC) ........................................... 13.2V
Input Voltage (TIMER, SENSE) ... – 0.3V to (VCC + 0.3V)
Input Voltage (FB, ON) ........................... – 0.3V to 13.2V
Output Voltage (RESET) ........................ – 0.3V to 13.2V
Output Voltage (GATE) ............................. – 0.3V to 20V
Operating Temperature Range
LTC1422C ............................................... 0
°C to 70°C
LTC1422I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE MAXIMUM RATINGS
Consult factory for Military grade parts.
LTC1422CN8
LTC1422CS8
LTC1422IN8
LTC1422IS8
S8 PART MARKING
ELECTRICAL CHARACTERISTICS
1422
1422I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC Characteristics
ICC
VCC Supply Current
ON = VCC
q
0.65
1.00
mA
VLKO
VCC Undervoltage Lockout
q
2.40
2.47
2.55
V
VLKH
VCC Undervoltage Lockout Hysteresis
120
mV
VFB
FB Pin Voltage Threshold
q
1.220
1.232
1.244
V
∆VFB
FB Pin Threshold Line Regulation
3V
≤ VCC ≤ 12V
q
0.5
2.5
mV
VFBHST
FB Pin Voltage Threshold Hysteresis
2.0
mV
VTM
TIMER Pin Voltage Threshold
q
1.208
1.232
1.256
V
∆VTM
TIMER Pin Threshold Line Regulation
3V
≤ VCC ≤ 12V
q
215
mV
VTMHST
TIMER Pin Voltage Threshold Hystersis
45
mV
ITM
TIMER Pin Current
Timer On, GND
≤ VTIMER ≤ 1.5V
q
– 2.5
– 2.0
– 1.5
µA
Timer Off, VTIMER = 1.5V
10
mA
VCB
Circuit Breaker Trip Voltage
VCB = (VCC – VSENSE)
q
44
50
64
mV
ICP
GATE Pin Output Current
Charge Pump On, VGATE = GND
q
–12
– 10
– 8
µA
Charge Pump Off, VGATE = VCC
10
mA
∆VGATE
External N-Channel Gate Drive
VGATE – VCC
q
10
12
14
V
VONHI
ON Pin Threshold High
q
1.25
1.30
1.35
V
VONLO
ON Pin Threshold Low
q
1.20
1.23
1.26
V
VONHYST
ON Pin Hysteresis
80
mV
VOL
Output Low Voltage
RESET, IO = 3mA
q
0.14
0.4
V
IPU
Logic Output Pull-Up Current
RESET = GND
– 12
µA
tRST
Soft Reset Time
q
22
30
38
µs
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted.
(Note 1)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com