Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1418IG Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1418IG
Description  Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1418IG Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1418IG Datasheet HTML 16Page - Linear Technology LTC1418IG Datasheet HTML 17Page - Linear Technology LTC1418IG Datasheet HTML 18Page - Linear Technology LTC1418IG Datasheet HTML 19Page - Linear Technology LTC1418IG Datasheet HTML 20Page - Linear Technology LTC1418IG Datasheet HTML 21Page - Linear Technology LTC1418IG Datasheet HTML 22Page - Linear Technology LTC1418IG Datasheet HTML 23Page - Linear Technology LTC1418IG Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
LTC1418
APPLICATIONS INFORMATION
RD = CONVST
CS = 0
BUSY
1418 F18
tCONV
(SAMPLE N)
t6
DATA (N – 1)
DB13 TO DB0
DATA
DATA N
DB13 TO DB0
DATA (N + 1)
DB13 TO DB0
DATA N
DB13 TO DB0
t11
t8
t10
t7
Figure 18. Slow Memory Mode Timing
Figure 19. ROM Mode Timing
RD = CONVST
CS = 0
(SAMPLE N)
BUSY
1418 F19
tCONV
t6
DATA (N – 1)
DB13 TO DB0
DATA
DATA N
DB13 TO DB0
t10
t11
t8
outputs; BUSY goes high releasing the processor and the
processor takes RD (= CONVST) back high and reads the
new conversion data.
In ROM mode, the processor takes RD (= CONVST) low,
starting a conversion and reading the previous conversion
result. After the conversion is complete, the processor can
read the new result and initiate another conversion.
Serial Output Mode
Serial output mode is selected when the SER/PAR input
pin is high. In this mode, Pins 16 to 20, D0 (EXT/INT), D1
(DOUT), D2 (CLKOUT), D3 (SCLK) and D4 (EXTCLKIN)
assume their serial functions as shown in Figure 20.
(During this discussion these pins will be referred to by
their serial function names: EXT/INT, DOUT, CLKOUT,
SCLK and EXTCLKIN.) As in parallel mode, conversions
are started by a falling CONVST edge with CS low. After a
conversion is completed and the output shift register has
been updated, BUSY will go high and valid data will be
available on DOUT (Pin 19). This data can be clocked out
either before the next conversion starts or it can be clocked
out during the next conversion. To enable the serial data
output buffer and shift clock, CS and RD must be low.
Figure 20 shows a function block diagram of the LTC1418
in serial mode. There are two pieces to this circuitry: the
conversion clock selection circuit (EXT/INT, EXTCLKIN
and CLKOUT) and the serial port (SCLK, DOUT, CS and RD).
Conversion Clock Selection (Serial Mode)
In Figure 20, the conversion clock controls the internal
ADC operation. The conversion clock can be either inter-
nal or external. By connecting EXT/INT low, the internal
clock is selected. This clock generates 16 clock cycles
which feed into the SAR for each conversion.
To select an external conversion clock, tie EXT/INT high
and apply an external conversion clock to EXTCLKIN (Pin
16). (When an external shift clock (SCLK) is used during
a conversion, the SCLK should be used as the external
conversion clock to avoid the noise generated by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com