Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1430 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1430
Description  High Power Step-Down Switching Regulator Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1430 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1430 Datasheet HTML 8Page - Linear Technology LTC1430 Datasheet HTML 9Page - Linear Technology LTC1430 Datasheet HTML 10Page - Linear Technology LTC1430 Datasheet HTML 11Page - Linear Technology LTC1430 Datasheet HTML 12Page - Linear Technology LTC1430 Datasheet HTML 13Page - Linear Technology LTC1430 Datasheet HTML 14Page - Linear Technology LTC1430 Datasheet HTML 15Page - Linear Technology LTC1430 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1430
S
APPLICATI
I FOR ATIO
Oscillator Frequency
The LTC1430 includes an onboard current controlled
oscillator which will typically free-run at 200kHz. An
internal 20
µA current is summed with any current in or out
of the FREQSET pin (pin 11), setting the oscillator fre-
quency to approximately 10kHz/
µA. FREQSET is internally
servoed to the LTC1430 reference voltage (1.26V). With
FREQSET floating, the oscillator is biased from the internal
20
µA source and runs at 200kHz. Connecting a 50k
resistor from FREQSET to ground will sink an additional
25
µA from FREQSET, causing the internal oscillator to run
at approximately 450kHz. Sourcing an external 10
µA
current into FREQSET will cut the internal frequency to
100kHz. An internal clamp prevents the oscillator from
running slower than about 50kHz. Tying FREQSET to VCC
will cause it to run at this minimum speed.
Shutdown
The LTC1430 includes a low power shutdown mode,
controlled by the logic at the SHDN pin. A high at SHDN
allows the part to operate normally. A low level at SHDN
stops all internal switching, pulls COMP and SS to ground
internally and turns M1 and M2 off. In shutdown, the
LTC1430 itself will drop below 1
µA quiescent current
typically, although off-state leakage in the external
MOSFETs may cause the total PVCC current to be some-
what higher, especially at elevated temperatures. When
SHDN rises again, the LTC1430 will rerun a soft-start cycle
and resume normal operation. Holding the LTC1430 in
shutdown during PVCC power up removes any PVCC1
sequencing constraints.
LAYOUT CONSIDERATIONS
Grounding
Proper grounding is critical for the LTC1430 to obtain
specified output regulation. Extremely high peak currents
(as high as several amps) can flow between the bypass
capacitors and the PVCC1, PVCC2 and PGND pins. These
currents can generate significant voltage differences be-
tween two points that are nominally both “ground.” As a
general rule, GND and PGND should be totally separated
on the layout, and should be brought together at only one
point, right at the LTC1430 GND and PGND pins. This
helps minimize internal ground disturbances in the
LTC1430 by keeping PGND and GND at the same potential,
while preventing excessive current flow from disrupting
the operation of the circuits connected to GND. The PGND
node should be as compact and low impedance as pos-
sible, with the negative terminals of the input and output
capacitors, the source of M2, the LTC1430 PGND node,
the output return and the input supply return all clustered
at one point. Figure 11 is a modified schematic showing
the common connections in a proper layout. Note that at
10A current levels or above, current density in the PC
board itself can become a concern; traces carrying high
currents should be as wide as possible.
Output Voltage Sensing
The LTC1430 provides three pins for sensing the output
voltage: SENSE+, SENSEand FB. SENSE+ and SENSE
connect to an internal resistor divider which is connected
to FB. To set the output of the LTC1430 to 3.3V, connect
SENSE+ to the output as near to the load as practical and
connect SENSEto the common GND/PGND point. Note
that SENSEis not a true differential input sense input; it
is just the bottom of the internal divider string. Connecting
SENSEto the ground near the load will not improve load
regulation. For any other output voltage, the SENSE+ and
SENSEpins should be floated and an external resistor
string should be connected to FB (Figure 12). As before,
connect the top resistor (R1) to the output as close to the
load as practical and connect the bottom resistor (R2) to
the common GND/PGND point. In both cases, connecting
the top of the resistor divider (either SENSE+ or R1) close
to the load can significantly improve load regulation by
compensating for any drops in PC traces or hookup wires
between the LTC1430 and the load.
Power Component Hook-Up/Heat Sinking
As current levels rise much above 1A, the power compo-
nents supporting the LTC1430 start to become physically
large (relative to the LTC1430, at least) and can require
special mounting considerations. Input and output ca-
pacitors need to carry high peak currents and must have
low ESR; this mandates that the leads be clipped as short
as possible and PC traces be kept wide and short. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com