Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1435C Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1435C
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435C Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1435C Datasheet HTML 12Page - Linear Technology LTC1435C Datasheet HTML 13Page - Linear Technology LTC1435C Datasheet HTML 14Page - Linear Technology LTC1435C Datasheet HTML 15Page - Linear Technology LTC1435C Datasheet HTML 16Page - Linear Technology LTC1435C Datasheet HTML 17Page - Linear Technology LTC1435C Datasheet HTML 18Page - Linear Technology LTC1435C Datasheet HTML 19Page - Linear Technology LTC1435C Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
LTC1435
TYPICAL APPLICATIONS
3.3V/4.5A Converter with Foldback Current Limiting
COSC
RUN/SS
ITH
SFB
SGND
VOSENSE
SENSE–
SENSE+
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1435
1000pF
CC1
330pF
CC2
51pF
100pF
RC
10k
COSC
68pF
CSS
0.1
µF
+
4.7
µF
CMDSH-3
0.1
µF
M1
Si4410DY
M2
Si4410DY
LTC1435 • TA01
INTVCC
+
CIN
22
µF
35V
× 2
MBRS140T3
L1
10
µH
OPTIONAL:
CONNECT TO 5V
RSENSE
0.025
Ω
R1
35.7k
1%
R2
20k
1%
+
COUT
100
µF
10V
× 2
SGND
(PIN 5)
VOUT
3.3V/4.5A
VIN
4.5V TO 28V
100pF
IN4148
ITH PIN 3
Dual Output 5V and 12V Application
COSC
RUN/SS
ITH
SFB
SGND
VOSENSE
SENSE–
SENSE+
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1435
1000pF
CC1
510pF
CC2
51pF
100pF
RC
10k
COSC
68pF
CSS
0.1
µF
+
4.7
µF
CMDSH-3
0.1
µF
M1
IRF7403
M2
IRF7403
LTC1435 • TA02
100
Ω
100
Ω
+
CIN
22
µF
35V
× 2
MBRS140T3
T1
10
µH
1:2.2
RSENSE
0.033
Ω
R1
35.7k
1%
R2
20k
1%
+
COUT
100
µF
10V
× 2
SGND
VOUT
5V/3.5A
VIN
5.4V TO 28V
MBRS1100T3
+
CSEC
3.3
µF
25V
10k
T1: DALE LPE6562-A092
90.9k
VOUT2
12V
24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com