Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1434C Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1434C
Description  450mA, Low Noise Current Mode Step-Down DC/DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1434C Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1434C Datasheet HTML 7Page - Linear Technology LTC1434C Datasheet HTML 8Page - Linear Technology LTC1434C Datasheet HTML 9Page - Linear Technology LTC1434C Datasheet HTML 10Page - Linear Technology LTC1434C Datasheet HTML 11Page - Linear Technology LTC1434C Datasheet HTML 12Page - Linear Technology LTC1434C Datasheet HTML 13Page - Linear Technology LTC1434C Datasheet HTML 14Page - Linear Technology LTC1434C Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC1433/LTC1434
APPLICATIONS INFORMATION
Power-On Reset Function (POR)
The power-on reset function monitors the output voltage
and turns on an open-drain device when it is out of
regulation. An external pull-up resistor is required on the
POR pin.
When power is first applied or when coming out of
shutdown, the POR output is pulled to ground. When the
output voltage rises above a level which is 5% below the
regulated output value, an internal counter starts. After
counting 216 (65536) clock cycles the POR pull-down
device turns off.
The POR output will go low whenever the output voltage
drops below 7.5% of its regulated value for longer than
approximately 30
µs, signaling an out-of-regulation condi-
tion. In shutdown the POR output is pulled low even if the
regulator’s output is held up by an external source.
Run/Soft Start Function
The RUN/SS pin is a dual purpose pin which provides the
soft start function and a means to shut down the LTC1433/
LTC1434. Soft start reduces input surge currents by
providing a gradual ramp-up of the internal current limit.
Power supply sequencing can also be accomplished using
this pin.
An internal 3
µA current source charges up an external
capacitor CSS.When the voltage on RUN/SS reaches 1.3V
the LTC1433/LTC1434 begins operating. As the voltage
on RUN/SS continues to ramp from 1.3V to 2.4V the
internal current limit is also ramped at a proportional
linear rate. The current limit begins at approximately
350mA (at VRUN/SS = 1.3V) and ends at 1.2A (VRUN/SS =
2.4V). The output voltage thus ramps up slowly, charging
the output capacitor while input surge currents are re-
duced. If RUN/SS has been pulled all the way to ground
there is a delay of approximately 0.5s/
µF before starting,
followed by a like time to reach full current.
tDELAY = 5(105)CSS seconds
By pulling the RUN/SS pin below 1.3V, the LTC1433/
LTC1434 are put in low current shutdown. This pin can be
driven directly from logic as shown in Figure 8. Diode D1
in Figure 8 reduces the start delay but allows CSS to ramp
up slowly providing the soft start function. This diode can
be deleted if soft start is not needed. The RUN/SS pin has
an internal 6V Zener clamping the voltage on this pin (see
Functional Diagram).
1433/34 F08
CSS
D1
RUN/SS
CSS
RUN/SS
Figure 8. RUN/SS Pin Interfacing
Phase-Locked Loop and Frequency Synchronization
The LTC1434 has an internal voltage-controlled oscilla-
tor and phase detector comprising a phase-locked loop.
This allows the MOSFET turn-on to be locked to the rising
edge of an external source. The frequency range of the
voltage-controlled oscillator is
±30% around the center
frequency fO. The value of COSC is calculated from the
desired operating frequency (fO) with the following
expression (assuming the phase-locked loop is locked,
i.e VPLL LPF = 1.19V):
C
Frequency
OSC pF
kHz
()=
()
206 10
11
4
.
–
Instead of using the above expression, Figure 2 graphi-
cally shows the relationship between the oscillator fre-
quency and the value of COSC under various voltage
conditions at the PLL LPF pin.
The phase detector used is an edge sensitive digital type
which provides zero degrees phase shift between the
external and internal oscillators. This type of phase detector
will not lock up on input frequencies close to the harmonics
of the VCO center frequency. The PLL hold-in range ∆fH is
equal to the capture range,
∆fH = ∆fC = ±0.3fO.
The output of the phase detector is a pair of complemen-
tary current sources charging or discharging the external
filter network on the PLL LPF pin. The relationship
between the voltage on the PLL LPF pin and operating
frequency is shown in Figure 9. A simplified block diagram
is shown in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com