Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT42WS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT42WS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT42WS Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT42WS_15 Datasheet HTML 1Page - Diodes Incorporated BAT42WS_15 Datasheet HTML 2Page - Diodes Incorporated BAT42WS_15 Datasheet HTML 3Page - Diodes Incorporated BAT42WS_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT42WS / BAT43WS
Document number: DS30100 Rev. 14 - 2
2 of 4
www.diodes.com
June 2012
© Diodes Incorporated
BAT42WS / BAT43WS
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Forward Continuous Current (Note 6)
IFM
200
mA
Repetitive Peak Forward Current (Note 6)
@ t < 1.0s
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current
@ t < 10ms
IFSM
4.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
200
mW
Thermal Resistance Junction to Ambient Air (Note 6)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
30
⎯
V
IR = 100μA
Forward Voltage Drop
Both Types
VF
⎯
1.0
V
IF = 200mA
BAT42WS
⎯
0.40
IF = 10mA
BAT42WS
⎯
0.65
IF = 50mA
BAT43WS
0.26
0.33
IF = 2.0mA
BAT43WS
⎯
0.45
IF = 15mA
Reverse Current (Note 7)
IR
⎯
500
nA
VR = 25V
⎯
100
μA
VR = 25V, TJ = 100°C
Total Capacitance
CT
⎯
10
pF
VR = 1.0, f = 1.0MHz
Reverse Recovery Time
trr
⎯
5.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
6. Part mounted on FR4 PC Board with recommended pad layout, which can be found on our website at http://www.diodes.com.
7. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com