Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1435ACS Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1435ACS
Description  High Efficiency Low Noise Synchronous Step-Down Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1435ACS Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1435ACS Datasheet HTML 9Page - Linear Technology LTC1435ACS Datasheet HTML 10Page - Linear Technology LTC1435ACS Datasheet HTML 11Page - Linear Technology LTC1435ACS Datasheet HTML 12Page - Linear Technology LTC1435ACS Datasheet HTML 13Page - Linear Technology LTC1435ACS Datasheet HTML 14Page - Linear Technology LTC1435ACS Datasheet HTML 15Page - Linear Technology LTC1435ACS Datasheet HTML 16Page - Linear Technology LTC1435ACS Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
LTC1435A
APPLICATIONS INFORMATION
on and off again. It is determined by internal timing delays
and the gate charge required to turn on the top MOSFET.
Low duty cycle applications may approach this minimum
on-time limit. If the duty cycle falls below what can be
accommodated by the minimum on-time, the LTC1435A
will begin to skip cycles. The output voltage will continue
to be regulated, but the ripple current and ripple voltage will
increase. Therefore this limit should be avoided.
The minimum on-time for the LTC1435A in a properly
configured application is less than 300ns but increases at
low ripple current amplitudes (see Figure 7). If an appli-
cation is expected to operate close to the minimum on-time
limit, an inductor value must be chosen that is low enough
to provide sufficient ripple amplitude to meet the minimum
on-time requirement. To determine the proper value, use
the following procedure:
1. Calculate on-time at maximum supply, tON(MIN) =
(1/f)(VOUT/VIN(MAX)).
2. Use Figure 7 to obtain the peak-to-peak inductor ripple
current as a percentage of IMAX necessary to achieve the
calculated tON(MIN).
3. Ripple amplitude
∆IL(MIN) = (% from Figure 7)(IMAX)
where IMAX = 0.1/RSENSE.
4. LMAX = t
VV
I
ON MIN
IN MAX
OUT
L MIN
()
()
()
–
∆
Choose an inductor less than or equal to the calculated LMAX
to ensure proper operation.
Because of the sensitivity of the LTC1435A current com-
parator when operating close to the minimum on-time limit,
it is important to prevent stray magnetic flux generated by
the inductor from inducing noise on the current sense re-
sistor, which may occur when axial type cores are used. By
orienting the sense resistor on the radial axis of the induc-
tor (see Figure 8), this noise will be minimized.
Figure 7. Minimum On-Time vs Inductor Ripple Current
INDUCTOR RIPPLE CURRENT (% OF IMAX)
0
200
250
300
350
400
RECOMMENDED
REGION FOR MIN
ON-TIME AND
MAX EFFICIENCY
10
20
30
40
1435A F07
50
60
70
L
INDUCTOR
1435A F08
Figure 8. Allowable Inductor/RSENSE Layout Orientations
Efficiency Considerations
The efficiency of a switching regulator is equal to the out-
put power divided by the input power times 100%. It is often
useful to analyze individual losses to determine what is
limiting the efficiency and which change would produce the
most improvement. Efficiency can be expressed as:
Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of the
losses in LTC1435A circuits. LTC1435A VINcurrent,INTVCC
current, I2R losses, and topside MOSFET transition losses.
1. The VIN current is the DC supply current given in the
electrical characteristics which excludes MOSFET driver
and control currents. VIN current results in a small
(< 1%) loss which increases with VIN.
2. INTVCC current is the sum of the MOSFET driver and
control currents. The MOSFET driver current results from
switching the gate capacitance of the power MOSFETs.
Each time a MOSFET gate is switched from low to high
to low again, a packet of charge dQ moves from INTVCC
to ground. The resulting dQ/dt is a current out of INTVCC
that is typically much larger than the control circuit cur-
rent. In continuous mode, IGATECHG = f(QT + QB), where
QT and QB are the gate charges of the topside and bot-
tom side MOSFETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com