Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1128 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1128
Description  Ultralow Noise Precision High Speed Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1128 Datasheet(HTML) 2 Page - Linear Technology

  LT1128_15 Datasheet HTML 1Page - Linear Technology LT1128_15 Datasheet HTML 2Page - Linear Technology LT1128_15 Datasheet HTML 3Page - Linear Technology LT1128_15 Datasheet HTML 4Page - Linear Technology LT1128_15 Datasheet HTML 5Page - Linear Technology LT1128_15 Datasheet HTML 6Page - Linear Technology LT1128_15 Datasheet HTML 7Page - Linear Technology LT1128_15 Datasheet HTML 8Page - Linear Technology LT1128_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT1028/LT1128
2
1028fc
For more information www.linear.com/LT1028
absoluTe MaxiMuM raTings
Supply Voltage
–55°C to 105°C.................................................. ±22V
105°C to 125°C.................................................. ±16V
Differential Input Current (Note 9) .......................±25mA
Input Voltage..............................Equal to Supply Voltage
Output Short-Circuit Duration.......................... Indefinite
(Note 1)
TOP VIEW
V+
VOS TRIM
–IN
OUT
OVER-
COMP
+IN
V–
(CASE)
8
7
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
VOS TRIM
+
–
6
TJMAX = 175°C, θJA = 140°C/W, θJC = 40°C/W
OBSOLETE PACKAGE
1
2
3
4
5
6
7
8
TOP VIEW
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SOIC
V+
OUT
+
–
VOS
TRIM
VOS
TRIM
OVER-
COMP
TJMAX = 150°C, θJA = 140°C/W
N8 PACKAGE
8-LEAD PLASTIC DIP
1
2
3
4
5
6
7
8
TOP VIEW
–IN
+IN
V–
V+
OUT
+
–
OVER-
COMP
VOS
TRIM
VOS
TRIM
TJMAX = 150°C, θJA = 150°C/W
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SOL
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
TRIM
–IN
+IN
V–
NC
NC
NC
NC
TRIM
V+
OUT
NC
NC
OVER-
COMP
+
–
TJMAX = 150°C, θJA = 130°C/W
NOTE: THIS DEVICE IS NOT RECOMMENDED FOR NEW DESIGNS
J8 PACKAGE
8-LEAD CERAMIC DIP
TJMAX = 175°C, θJA = 140°C/W, θJC = 40°C/W
OBSOLETE PACKAGE
pin conFiguraTion
Operating Temperature Range
LT1028/LT1128AM, M (OBSOLETE)... –55°C to 125°C
LT1028/LT1128AC, C (Note 11) ............–40°C to 85°C
Storage Temperature Range
All Devices......................................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec.)..................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com