Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TESDL24V Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TESDL24V
Description  Bi-directional ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TESDL24V Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TESDL24V Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TESDL24V Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TESDL24V Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TESDL24V Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TESDL24V Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TESDL5V0/TESDL12V/TESDL24V
(TA=25°C unless otherwise noted)
Document Number: DS_S1501022
Version: E15
Small Signal Product
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.01
0.1
1
10
0.1
1
10
100
1000
Fig. 1 Non-Repetitive Peak Pulse Power VS. Pulse Time
Pulse Duration (μs)
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (us)
Fig. 2 Pulse Waveform
td = Ipp / 2
0
20
40
60
80
100
120
0
20
40
60
80
100 120 140 160 180
Ambient Temperature(oC)
Fig. 3 Admissible Power Dissipation Curve
0
5
10
15
0
5
10
15
20
25
Reverse Voltage (V)
Fig. 4 Typical Junction Capacitance
f = 1.0 MHz
TESDL12V
TESDL24V
Waveform parameters:
tr = 8 μs , td = 20 μs
0
10
20
30
40
50
60
01
23
45
Peak Pulse Current (A)
Fig. 5 Clamping Voltage VS. Peak Pulse Current
Waveform parameters:
tr = 8 μs , td = 20 μs
TESDL5V0
TESDL12V
TESDL24V
TESDL5V0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com