Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1453CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1453CS8
Description  12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1453CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1453CS8 Datasheet HTML 4Page - Linear Technology LTC1453CS8 Datasheet HTML 5Page - Linear Technology LTC1453CS8 Datasheet HTML 6Page - Linear Technology LTC1453CS8 Datasheet HTML 7Page - Linear Technology LTC1453CS8 Datasheet HTML 8Page - Linear Technology LTC1453CS8 Datasheet HTML 9Page - Linear Technology LTC1453CS8 Datasheet HTML 10Page - Linear Technology LTC1453CS8 Datasheet HTML 11Page - Linear Technology LTC1453CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1451
LTC1452/LTC1453
© LINEAR TECHNOLOGY CORPORATION 1995
145123fa LT/TP 0100 2K REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q TELEX: 499-3977
PART NUMBER
DESCRIPTION
COMMENTS
LTC1257
5V to 15V Single Supply, Complete 12-Bit VOUT
Reference Can Be Overdriven Up to 12V, i.e., FS MAX = 12V
DAC in SO-8 Package
LTC1446/LTC1446L
Dual 12-Bit VOUT DACs in SO-8
5V with 4.096V Full-Scale Output/3V with 2.5V Full Scale
LTC1448
Dual 12-Bit VOUT DAC in SO-8
VCC from 2.7V to 5.5V, Output Swings to VREF
LTC1655/LTC1655L
5V/3V 16-Bit VOUT DAC in SO-8
Pin Conpatible with LTC1451/LTC1453
LTC1659
Single 12-Bit VOUT DAC in MSOP
VCC from 2.7V to 5.5V, Output Swings to VREF
LTC7541
12-Bit Multiplying Parallel IOUT DAC
5V to 16V Supply, 12-Bit Wide Interface
LTC7543/LTC8143
12-Bit Multiplying Serial IOUT DAC
5V Supply, Clear Pin and Serial Data Output (LTC8143)
LTC8043
12-Bit Multiplying Serial IOUT DAC
5V Supply, SO-8 Package
RELATED PARTS
A Wide Swing, Bipolar Output 12-Bit DAC
CLK
DIN
CS/LD
µP
0.1
µF
VCC
VOUT
GND
VREF
R1
5k
5V
LTC1451
1451/2/3 TA06
–
+
LT1077
5V
–5V
R2
10k
R3
10k
R5
20k
R4
20k
2 • DIN • 4.095
4096
VOUT:
DIN
VOUT
4.094
– 4.096
2048
4095
– 4.096V
This circuit shows how to make a bipolar output 12-bit
DAC with a wide output swing using an LTC1451 and an
LT1077. R1 and R2 resistively divide down the LTC1451
output and an offset is summed in using the LTC1451
onboard 2.048V reference and R3 and R4. R5 ensures that
the onboard reference is always sourcing current and
never has to sink any current even when VOUT is at full-
scale. The LT1077 output will have a wide bipolar output
swing of – 4.096V to 4.094V as shown in the figure above.
With this output swing 1LSB = 2mV.
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com