Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1445CS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1445CS
Description  Ultralow Power Quad Comparators with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1445CS Datasheet(HTML) 4 Page - Linear Technology

  LTC1445CS Datasheet HTML 1Page - Linear Technology LTC1445CS Datasheet HTML 2Page - Linear Technology LTC1445CS Datasheet HTML 3Page - Linear Technology LTC1445CS Datasheet HTML 4Page - Linear Technology LTC1445CS Datasheet HTML 5Page - Linear Technology LTC1445CS Datasheet HTML 6Page - Linear Technology LTC1445CS Datasheet HTML 7Page - Linear Technology LTC1445CS Datasheet HTML 8Page - Linear Technology LTC1445CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1443/LTC1444/LTC1445
LTC1444/LTC1445
Hysteresis Control
VREF – VHYST (mV)
0
–20
0
20
30
50
LTC1443/44/45 • TPC01
–40
–60
–80
10
20
40
40
60
80
Supply Current vs Supply Voltage
Supply Current vs Temperature
SUPPLY VOLTAGE (V)
1.0
4.0
4.2
4.4
4.6
4.8
5.0
5.2
1.5
2.0
2.5
3.0
LTC1443/44/45 • TPC02
TA = 25°C
TEMPERATURE (
°C)
–60
20
5.8
5.4
5.0
4.6
4.2
3.8
3.4
3.0
LTC1443/44/45 • TPC03
–20
60
–40
40
080 100 120
IN+ = (IN+ 100mV)
V= GND (LTC1443)
V+ = 3V
V= 0V
V+ = 5V
V= 0V
V+ = 5V
V= –5V
LTC1444/LTC1445 Reference
Voltage vs Temperature
TEMPERATURE (
°C)
–60
1.208
1.212
1.216
1.220
1.224
–40 –20
0
20
LTC1443/44/45 • TPC04
40
60
80 100 120
V+ = 5V
TEMPERATURE (
°C)
–60
1.186
1.184
1.182
1.180
1.178
1.176
1.174
1.172
1.170
100
LTC1443/44/45 • TPC05
–20
20
60 80
–40
0
40
120 140
V+ = 5V
V= GND
LTC1443 Reference Voltage
vs Temperature
LOAD CURRENT (mA)
1.184
1.183
1.182
1.181
1.180
1.179
1.178
0.2
0.4
0.6
0.8
LTC1443/44/45 • TPC06
1.0
0.1
0
0.3
0.5
0.7
0.9
V+ = 5V
V= GND
TA = 25°C
SOURCE
LTC1443 Reference Output
Voltage vs Output Load Current
LTC1443 Reference Output
Voltage vs Output Load Current
Comparator Output Voltage High
vs Load Current
Comparator Output Voltage Low
vs Load Current
LOAD CURRENT (
µA)
0
20
1.194
1.192
1.190
1.188
1.186
1.184
1.182
1.180
LTC1443/44/45 • TPC07
10
30
5
25
15
35
40
45
V+ = 5V
V= GND
TA = 25°C
SINK
LOAD CURRENT (mA)
0
1.0
2.0
3.0
4.0
5.0
10
20
30
40
LTC1443/44/45 • TPC08
50
60
V+ = 5V
V+ = 3V
V+ = 2V
TA = 25°C
LOAD CURRENT (mA)
0
1.5
2.0
2.5
30
50
80
LTC1443/44/45 • TPC09
1.0
0.5
0
10
20
40
60
70
V+ = 2V
V+ = 3V
V+ = 5V
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com