Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3007 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3007
Description  3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3007 Datasheet(HTML) 2 Page - Linear Technology

  LT3007_15 Datasheet HTML 1Page - Linear Technology LT3007_15 Datasheet HTML 2Page - Linear Technology LT3007_15 Datasheet HTML 3Page - Linear Technology LT3007_15 Datasheet HTML 4Page - Linear Technology LT3007_15 Datasheet HTML 5Page - Linear Technology LT3007_15 Datasheet HTML 6Page - Linear Technology LT3007_15 Datasheet HTML 7Page - Linear Technology LT3007_15 Datasheet HTML 8Page - Linear Technology LT3007_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3007 Series
2
3007fa
For more information www.linear.com/LT3007
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
IN Pin Voltage ........................................................ ±50V
OUT Pin Voltage..................................................... ±50V
Input-to-Output Differential Voltage....................... ±50V
ADJ Pin Voltage ..................................................... ±50V
SENSE Pin Voltage................................................. ±50V
SHDN Pin Voltage (Note 8) .................................... ±50V
Output Short-Circuit Duration.......................... Indefinite
Operating Junction Temperature Range (Notes 2, 4)
E-, I-Grades ....................................... –40°C to 125°C
H-Grade .............................................–40°C to 150°C
Storage Temperature Range ..................–65°C to 150°C
Lead Temperature: Soldering, 10 sec....................300°C
(Note 1)
SHDN 1
GND 2
GND 3
GND 4
8 ADJ
7 OUT
6 NC
5 IN
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
LT3007-ADJUSTABLE
TJMAX = 150°C, θJA = 65°C/W TO 85°C/W*
SHDN 1
GND 2
GND 3
GND 4
8 SENSE
7 OUT
6 NC
5 IN
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
LT3007-FIXED OUTPUTS
TJMAX = 125°C, θJA = 65°C/W TO 85°C/W*
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3007ETS8#PBF
LT3007ETS8#TRPBF
LTGJW
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3007ITS8#PBF
LT3007ITS8#TRPBF
LTGJW
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3007HTS8#PBF
LT3007HTS8#TRPBF
LTGJW
8-Lead Plastic TSOT-23
–40°C to 150°C
LT3007ETS8-1.2#PBF
LT3007ETS8-1.2#TRPBF
LTGKB
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3007ITS8-1.2#PBF
LT3007ITS8-1.2#TRPBF
LTGKB
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3007ETS8-1.5#PBF
LT3007ETS8-1.5#TRPBF
LTGKD
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3007ITS8-1.5#PBF
LT3007ITS8-1.5#TRPBF
LTGKD
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3007ETS8-1.8#PBF
LT3007ETS8-1.8#TRPBF
LTGJZ
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3007ITS8-1.8#PBF
LT3007ITS8-1.8#TRPBF
LTGJZ
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3007ETS8-2.5#PBF
LT3007ETS8-2.5#TRPBF
LTGJX
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3007ITS8-2.5#PBF
LT3007ITS8-2.5#TRPBF
LTGJX
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3007ETS8-3.3#PBF
LT3007ETS8-3.3#TRPBF
LTGKC
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3007ITS8-3.3#PBF
LT3007ITS8-3.3#TRPBF
LTGKC
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3007ETS8-5#PBF
LT3007ETS8-5#TRPBF
LTGJY
8-Lead Plastic TSOT-23
–40°C to 125°C
LT3007ITS8-5#PBF
LT3007ITS8-5#TRPBF
LTGJY
8-Lead Plastic TSOT-23
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
* See the Applications Information Section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com