Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1482CS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1482CS8
Description  Low Power RS485 Transceiver with Carrier Detect and Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1482CS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1482CS8 Datasheet HTML 7Page - Linear Technology LTC1482CS8 Datasheet HTML 8Page - Linear Technology LTC1482CS8 Datasheet HTML 9Page - Linear Technology LTC1482CS8 Datasheet HTML 10Page - Linear Technology LTC1482CS8 Datasheet HTML 11Page - Linear Technology LTC1482CS8 Datasheet HTML 12Page - Linear Technology LTC1482CS8 Datasheet HTML 13Page - Linear Technology LTC1482CS8 Datasheet HTML 14Page - Linear Technology LTC1482CS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1482
SWITCHI G TI E WAVEFOR S
Figure 11. Shutdown Carrier Detect Timing
tCDL
tCDH
VOD2
–VOD2
A – B
VOH
VOL
CD
1482 F10
1.5V
NOTE: 1k
Ω PULL-UP AT CD
1.5V
INPUT
0V
tCDH(SHDN)
tCDL(SHDN)
5V
0V
DI
VOH
VOL
CD
1482 F11
1.5V
1.5V
NOTE: 1k
Ω PULL-UP AT CD
THREE-STATE
1.5V
1.5V
VOD2
–VOD2
A – B
5V
0V
RO
Figure 10. Carrier Detect Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com