Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1484CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1484CS8
Description  Low Power RS485 Transceiver with Receiver Fail-Safe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1484CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1484CS8 Datasheet HTML 6Page - Linear Technology LTC1484CS8 Datasheet HTML 7Page - Linear Technology LTC1484CS8 Datasheet HTML 8Page - Linear Technology LTC1484CS8 Datasheet HTML 9Page - Linear Technology LTC1484CS8 Datasheet HTML 10Page - Linear Technology LTC1484CS8 Datasheet HTML 11Page - Linear Technology LTC1484CS8 Datasheet HTML 12Page - Linear Technology LTC1484CS8 Datasheet HTML 13Page - Linear Technology LTC1484CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1484
SWITCHI G TI E WAVEFOR S
Figure 6. Driver Propagation Delays
Figure 9. Receiver Enable and Shutdown Timing
Figure 8. Receiver Propagation Delays
1.5V
2.3V
2.3V
tZH(SHDN), tZH
NOTE: A, B ARE THREE-STATED WHEN DE = 0, 1k
Ω PULL-UP OR 1kΩ PULL-DOWN
tZL(SHDN), tZL
1.5V
0.5V
0.5V
tHZ
tLZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
DE
5V
VOL
VOH
0V
A, B
A, B
1484 F07
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
Figure 7. Driver Enable and Disable Timing
1.5V
1.5V
1.5V
tZH(SHDN), tZH
NOTE: DE = 0, RO IS THREE-STATED IN SHUTDOWN, 1k
Ω PULL-UP FOR NORMALLY LOW OUTPUT,
1k
Ω PULL-DOWN FOR NORMALLY HIGH OUTPUT
tZL(SHDN), tZL
1.5V
0.5V
0.5V
tHZ
tLZ
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
RE
5V
0V
5V
0V
RO
RO
1484 F09
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
0V
tPHL
A – B
VOL
RO
1.5V
NOTE: tSKD = |tPHL – tPLH|, RE = 0
1.5V
0V
tPLH
INPUT
OUTPUT
5V
–VOD2
VOD2
1484 F08
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
DI
3V
1.5V
tPLH
tr
tSKEW
NOTE: DE = 1
1/2 VO
VO
f = 1MHz, tr ≤ 10ns, tf ≤ 10ns
90%
50%
50%
10%
0V
B
A
VO
–VO
90%
1.5V
tPHL
tSKEW
10%
tf
VO = V(A) – V(B)
1484 F06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com